Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IFR6015 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button IFR6015 Datasheet HTML 2Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
R
RE
EP
PL
LY
Y P
PU
UL
LS
SE
E W
WIID
DT
TH
H
P1/P2
3.5
µs ± 0.5 µs
E
EC
CH
HO
O R
RE
EP
PL
LY
Y
Control
On/Off
Position
30 nmi ± 1 nmi
Amplitude
-11 dB ± 1 dB relative to reply level
R
RE
EP
PL
LY
Y P
PU
UL
LS
SE
E R
RIIS
SE
E A
AN
ND
D F
FA
AL
LL
L T
TIIM
ME
ES
S
ALL PULSES
Rise Time
2.5
µs ± 0.25 µs (10% to 90%)
Fall Time
2.5
µs ± 0.25 µs (90% to 10%)
R
RE
EP
PL
LY
Y D
DE
EL
LA
AY
Y
X CHANNEL
Fixed Reply Delay
50
µs ± 100 ns
Y CHANNEL
Fixed Reply Delay
56
µs ± 100 ns
R
RA
AN
NG
GE
E D
DE
EL
LA
AY
Y
X AND Y CHANNEL
Range
0 to 450.00 nmi
Resolution
0.01 nmi
Accuracy
± 0.01 nmi
R
RA
AN
NG
GE
E R
RA
AT
TE
E
X AND Y CHANNEL
Range
10 to 6500 kts
Resolution
1 kts
Accuracy
± 0.01% typical, tested to ± 0.5%
S
SQ
QU
UIIT
TT
TE
ER
R
PRF
2700 Hz
Accuracy
± 2%
Distribution
Per ARINC 568
R
RE
EP
PL
LY
Y E
EF
FF
FIIC
CIIE
EN
NC
CY
Y
Range
0 to 100%
Resolution
1% increments
Accuracy
± 0.5%
IID
DE
EN
NT
T T
TO
ON
NE
E
Selection
Selectable three letter code
Frequency
1350 Hz
Accuracy
± 2 Hz
U
UU
UT
T M
ME
EA
AS
SU
UR
RE
EM
ME
EN
NT
TS
S
E
ER
RP
P
Range
+47 to +64 dBm
Resolution
0.1 dB
Accuracy
± 2 dB
D
DIIR
RE
EC
CT
T C
CO
ON
NN
NE
EC
CT
TIIO
ON
N P
PE
EA
AK
K P
PU
UL
LS
SE
E P
PO
OW
WE
ER
R
Range
+47 to +64 dBm
Resolution
0.1 dB
Accuracy
± 1 dB
F
FR
RE
EQ
QU
UE
EN
NC
CY
Y
Range
1025.00 to 1150.00 MHz
Resolution
10 kHz
Accuracy
± 20 kHz
IIN
NT
TE
ER
RR
RO
OG
GA
AT
TIIO
ON
N P
PU
UL
LS
SE
E W
WIID
DT
TH
H
P1 AND P2 PULSE WIDTHS
Range
2.00 to 5.00
µs
Resolution
1 ns
Accuracy
± 50 ns
IIN
NT
TE
ER
RR
RO
OG
GA
AT
TIIO
ON
N P
PU
UL
LS
SE
E S
SP
PA
AC
CIIN
NG
G
P1 to P2 Spacing
10 to 14
µs (X Channel)
P1 to P2 Spacing
34 to 38
µs (Y Channel)
Resolution
10 ns
Accuracy
± 20 ns
IIN
NT
TE
ER
RR
RO
OG
GA
AT
TIIO
ON
N P
PR
RF
F
Range
1 to 300 Hz
Resolution
1 Hz
Accuracy
± 2 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com