Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DN256 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25DN256
Description  256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DN256 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25DN256 Datasheet HTML 17Page - Renesas Technology Corp AT25DN256 Datasheet HTML 18Page - Renesas Technology Corp AT25DN256 Datasheet HTML 19Page - Renesas Technology Corp AT25DN256 Datasheet HTML 20Page - Renesas Technology Corp AT25DN256 Datasheet HTML 21Page - Renesas Technology Corp AT25DN256 Datasheet HTML 22Page - Renesas Technology Corp AT25DN256 Datasheet HTML 23Page - Renesas Technology Corp AT25DN256 Datasheet HTML 24Page - Renesas Technology Corp AT25DN256 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
AT25DN256
DS-25DN256–039G–02/2022
Figure 11-2. Write Status Register
11.3 Write Status Register Byte 2
The Write Status Register Byte 2 command is used to modify the RSTE. Using the Write Status Register Byte 2
command is the only way to modify the RSTE in the Status Register during normal device operation. Before the Write
Status Register Byte 2 command can be issued, the Write Enable command must have been previously issued to set the
WEL bit in the Status Register to a Logical 1.
To issue the Write Status Register Byte 2 command, the CS pin must first be asserted and then the opcode 31h must be
clocked into the device followed by one byte of data. The one byte of data consists of three don’t-care bits, the RSTE bit
value, and four additional don’t-care bits (see Table 11-4). Any additional data bytes sent to the device will be ignored.
When the CS pin is deasserted, the RSTE bit in the Status Register will be modified, and the WEL bit in the Status
Register will be reset back to a Logical 0.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of
the RSTE bit will not change, and the WEL bit in the Status Register will be reset back to the Logical 0 state.
Figure 11-3. Write Status Register Byte 2
12.
Other Commands and Functions
12.1 Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in system. The identification method and the command opcode comply with the JEDEC standard for
“Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The type of
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
4
OPC ODE
10 11
9
814 15
13
12
1
MSB
DX
X
X
X
DX
X
STATUS REGISTER IN
HIGH-IMPEDANCE
Table 11-4. Write Status Register Byte 2 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
RSTE
X
X
X
X
SCK
CS
SI
SO
MSB
23
1
0
0011000
67
5
4
Opcode
10 11
9
814 15
13
12
1
MSB
XXX
D
XXX
X
Status Register In
Byte 2
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com