Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W160ECT70N1F Datasheet(PDF) 39 Page - Numonyx B.V

Part # M28W160ECT70N1F
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W160ECT70N1F Datasheet(HTML) 39 Page - Numonyx B.V

Back Button M28W160ECT70N1F Datasheet HTML 35Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 36Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 37Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 38Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 39Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 40Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 41Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 42Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39/50
M28W160ECT, M28W160ECB
Table 30. Security Code Area
Offset
Data
Description
80h
00XX
Protection Register Lock
81h
XXXX
64 bits: unique device number
82h
XXXX
83h
XXXX
84h
XXXX
85h
XXXX
64 bits: User Programmable OTP
86h
XXXX
87h
XXXX
88h
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com