Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W160ECT70N1F Datasheet(PDF) 1 Page - Numonyx B.V

Part # M28W160ECT70N1F
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W160ECT70N1F Datasheet(HTML) 1 Page - Numonyx B.V

  M28W160ECT70N1F Datasheet HTML 1Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 2Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 3Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 4Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 5Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 6Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 7Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 8Page - Numonyx B.V M28W160ECT70N1F Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1/50
March 2008
M28W160ECT
M28W160ECB
16 Mbit (1Mb x16, Boot Block)
3V Supply Flash Memory
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 1.65V to 3.6V for Input/Output
–VPP = 12V for fast Program (optional)
■
ACCESS TIME: 70, 85, 90,100ns
■
PROGRAMMING TIME:
–
10µs typical
–
Double Word Programming Option
■
COMMON FLASH INTERFACE
–
64 bit Security Code
■
MEMORY BLOCKS
–
Parameter Blocks (Top or Bottom
location)
–
Main Blocks
■
BLOCK LOCKING
–
All blocks locked at Power Up
–
Any combination of blocks can be locked
–WP for Block Lock-Down
■
SECURITY
–
64 bit user Programmable OTP cells
–
64 bit unique device identifier
–
One Parameter Block Permanently
Lockable
■
AUTOMATIC STAND-BY MODE
■
PROGRAM and ERASE SUSPEND
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Top Device Code, M28W160ECT: 88CEh
–
Bottom Device Code, M28W160ECB:
88CFh
■
ECOPACK PACKAGES AVAILABLE
Figure 1. Packages
FBGA
TSOP48 (N)
12 x 20mm
TFBGA46 (ZB)
6.39 x 6.37mm


Similar Part No. - M28W160ECT70N1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160ECT70N1F STMICROELECTRONICS-M28W160ECT70N1F Datasheet
860Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-Nov-2004
More results

Similar Description - M28W160ECT70N1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
20-Jan-2006
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-Nov-2004
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
logo
Numonyx B.V
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com