Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8245 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
23
Electrical and Thermal Characteristics
Figure 13 shows the input timing diagram for mode select signals.
Figure 13. Input Timing Diagram for Mode Select Signals
4.5.3
Output AC Timing Specification
Table 11 provides the processor bus AC timing specifications for the MPC8245 at recommended operating
conditions (see Table 2) with LVDD = 3.3 V ± 0.3 V. See Figure 11 for the input/output timing diagram
referenced to sys_logic_clk. All output timings assume a purely resistive 50-
Ω load (see Figure 14 for the
AC test load for the MPC8245). Output timings are measured at the pin; time-of-flight delays must be
added for trace lengths, vias, and connectors in the system. These specifications are for the default driver
strengths indicated in Table 4.
Table 11. Output AC Timing Specifications
Num
Characteristic
Min
Max
Unit
Notes
12a
PCI_SYNC_IN to output valid, see Figure 15
12a0
Tap 0, PCI_HOLD_DEL=00, [MCP,CKE] = 11, 66 MHz PCI (default)
—
6.0
ns
1, 3
12a1
Tap 1, PCI_HOLD_DEL=01, [MCP,CKE] = 10
—
6.5
12a2
Tap 2, PCI_HOLD_DEL=10, [MCP,CKE] = 01, 33 MHz PCI
—
7.0
12a3
Tap 3, PCI_HOLD_DEL=11, [MCP,CKE] = 00
—
7.5
12b
sys_logic_clk to output valid (memory control, address, and data signals)
—
4.0
ns
2
12c
sys_logic_clk to output valid (for all others)
—
7.0
ns
2
12d
sys_logic_clk to output valid (for I2C)
—
5.0
ns
2
12e
sys_logic_clk to output valid (ROM/Flash/PortX)
—
6.0
ns
2
13a
Output hold (PCI), see Figure 15
13a0
Tap 0, PCI_HOLD_DEL=00, [MCP,CKE] = 11, 66-MHz PCI (default)
2.0
—
ns
1, 3, 4
13a1
Tap 1, PCI_HOLD_DEL=01, [MCP,CKE] = 10
2.5
—
13a2
Tap 2, PCI_HOLD_DEL=10, [MCP,CKE] = 01, 33-MHz PCI
3.0
—
13a3
Tap 3, PCI_HOLD_DEL=11, [MCP,CKE] = 00
3.5
—
13b
Output hold (all others)
1.0
—
ns
2
14a
PCI_SYNC_IN to output high impedance (for PCI)
—
14.0
ns
1, 3
VM
VM = Midpoint Voltage (1.4 V)
11b
Mode Pins
10e
HRST_CPU/HRST_CTRL
2.0 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com