Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8245 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8245_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
5
General Parameters
— Programmable interrupt controller (PIC)
– Five hardware interrupts (IRQs) or 16 serial interrupts
– Four programmable timers with cascade
— Two (dual) universal asynchronous receiver/transmitters (UARTs)
— Integrated PCI bus and SDRAM clock generation
— Programmable PCI bus and memory interface output drivers
•
System-level performance monitor facility
•
Debug features
— Memory attribute and PCI attribute signals
— Debug address signals
—MIV signal—Marks valid address and data bus cycles on the memory bus
— Programmable input and output signals with watchpoint capability
— Error injection/capture on data path
— IEEE Std 1149.1® (JTAG)/test interface
3
General Parameters
The following list summarizes the general parameters of the MPC8245:
Technology
0.25-µm CMOS, five-layer metal
Die size
49.2 mm
2
Transistor count
4.5 million
Logic design
Fully-static
Packages
Surface-mount 352 tape ball grid array (TBGA)
Core power supply
1.7 V to 2.1 V DC for 266 and 300 MHz with the condition that the usage
is “nominal” ± 100 mV where “nominal” is 1.8/1.9/2.0 volts.
1.9 V to 2.2 V DC for 333 and 350 MHz with the condition that the usage
is “nominal” ± 100 mV where “nominal” is 2.0/2.1 volts.
See Table 2 for details of recommended operating conditions)
I/O power supply
3.0- to 3.6-V DC
4
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8245.
4.1
DC Electrical Characteristics
This section covers ratings, conditions, and other DC electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com