Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24256 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M24256
Description  256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M24256 Datasheet HTML 5Page - STMicroelectronics M24256 Datasheet HTML 6Page - STMicroelectronics M24256 Datasheet HTML 7Page - STMicroelectronics M24256 Datasheet HTML 8Page - STMicroelectronics M24256 Datasheet HTML 9Page - STMicroelectronics M24256 Datasheet HTML 10Page - STMicroelectronics M24256 Datasheet HTML 11Page - STMicroelectronics M24256 Datasheet HTML 12Page - STMicroelectronics M24256 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
M24256, M24128
Table 7. DC Characteristics
(TA = –40 to 85 °C; VCC = 4.5 to 5.5 V or 2.5 to 5.5 V)
Table 8. Input Parameters1 (TA = 25 °C, f = 400 kHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA)
0V
≤ VIN ≤ VCC
± 2
µA
ILO
Output Leakage Current
0 V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC=5V, fc=400kHz (rise/fall time < 30ns)
2mA
-W series:
VCC =2.5V, fc=400kHz (rise/fall time < 30ns)
1mA
ICC1
Supply Current
(Stand-by)
VIN = VSS or VCC , VCC = 5 V
10
µA
-W series:
VIN = VSS or VCC , VCC = 2.5 V
2
µA
VIL
Input Low Voltage
(SCL, SDA)
–0.3
0.3VCC
V
VIH
Input High Voltage
(SCL, SDA)
0.7VCC
VCC+1
V
VIL
Input Low Voltage (WC)
–0.3
0.5
V
VIH
Input High Voltage (WC)
0.7VCC
VCC+1
V
VOL
Output Low
Voltage
IOL = 3 mA, VCC = 5 V
0.4
V
-W series:
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZL
Input Impedance (WC)
VIN
≤ 0.5 V
5k
Ω
ZH
Input Impedance (WC)VIN
≥ 0.7VCC
500
k
Ω
tNS
Low Pass Filter Input Time
Constant (SCL and SDA)
100
ns
Table 9. AC Measurement Conditions
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Figure 9. AC Testing Input Output Waveforms
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com