Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24256 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24256
Description  256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24256 Datasheet HTML 6Page - STMicroelectronics M24256 Datasheet HTML 7Page - STMicroelectronics M24256 Datasheet HTML 8Page - STMicroelectronics M24256 Datasheet HTML 9Page - STMicroelectronics M24256 Datasheet HTML 10Page - STMicroelectronics M24256 Datasheet HTML 11Page - STMicroelectronics M24256 Datasheet HTML 12Page - STMicroelectronics M24256 Datasheet HTML 13Page - STMicroelectronics M24256 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
M24256, M24128
10/17
Table 10. AC Characteristics
Note: 1. For a reSTART condition, or following a write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
Symbol
Alt.
Parameter
M24256 / M24128
Unit
VCC=4.5 to 5.5 V
TA=–40 to 85°C
VCC=2.5 to 5.5 V
TA=–40 to 85°C
MinMax
MinMax
tCH1CH2
tR
Clock Rise Time
300
300
ns
tCL1CL2
tF
Clock Fall Time
300
300
ns
tDH1DH2 2
tR
SDA Rise Time
20
300
20
300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
20
300
ns
tCHDX 1
tSU:STA
Clock High to Input Transition
600
600
ns
tCHCL
tHIGH
Clock Pulse Width High
600
600
ns
tDLCL
tHD:STA
Input Low to Clock Low (START)
600
600
ns
tCLDX
tHD:DAT
Clock Low to Input Transition
0
0
µs
tCLCH
tLOW
Clock Pulse Width Low
1.3
1.3
µs
tDXCX
tSU:DAT
Input Transition to Clock Transition
100
100
ns
tCHDH
tSU:STO
Clock High to Input High (STOP)
600
600
ns
tDHDL
tBUF
Input High to Input Low (Bus Free)
1.3
1.3
µs
tCLQV 3
tAA
Clock Low to Data Out Valid
200
900
200
900
ns
tCLQX
tDH
Data Out Hold Time After Clock Low
200
200
ns
fC
fSCL
Clock Frequency
400
400
kHz
tW
tWR
Write Time
10
10
ms
cremented. The master terminates the transfer
with a STOP condition, as shown in Figure 8,
with-
out acknowledging the byte output.
Sequential Read
This mode can be initiated with either a Current
Address Read or a Random Address Read. The
master
does acknowledge the data byte output in
this case, and the memory continues to output the
next byte in sequence. To terminate the stream of
bytes, the master must
not acknowledge the last
byte output, and
must generate a STOP condition.
The output data comes from consecutive address-
es, with the internal address counter automatically
incremented after each byte output. After the last
memory address, the address counter ‘rolls-over’
and the memory continues to output data from
memory address 00h.
Acknowledge in Read Mode
In all read modes, the memory waits, after each
byte read, for an acknowledgment during the 9th
bit time. If the master does not pull the SDA line
low during this time, the memory terminates the
data transfer and switches to its stand-by state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com