Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMD1204PQB1-A..U.GN Datasheet(PDF) 1 Page - Sunon Fans

Part # PMD1204PQB1-A..U.GN
Description  Power Motor Fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

PMD1204PQB1-A..U.GN Datasheet(HTML) 1 Page - Sunon Fans

  PMD1204PQB1-A..U.GN Datasheet HTML 1Page - Sunon Fans PMD1204PQB1-A..U.GN Datasheet HTML 2Page - Sunon Fans PMD1204PQB1-A..U.GN Datasheet HTML 3Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*All model could be customized on voltage or any other requirements to fit your need.
*Specifications subject to change without notice. Please Visit SUNON web site at http://www.sunon.com for update information.
12
12
Model
P/N
Rating
Voltage
(VDC)
Power
Current
(AMP)
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dBA)
Weight
(g)
PMD1204PQB1-A
PMD1204PQV2-A
(2).U.GN
U.GN
18.5~24 CFM
40x40x28 mm
38
8.6
6.8
0.72
0.57
55.5
53
24.0
18.5
15000
13000
1.34
1.10
46
46
Airflow (CFM)
B1
Power Motor Fan
( Units : mm )
0.2
0.4
0.6
0.8
1
1.2
1.4
0
5
10
15
20
25
150
±20
5
±0.3
28
±0.3
UL1571 #28AWG
ROTATION
AIR FLOW
4-
3.6
INLET
41.2
OUTLET
38.2
Bearing
VAPO
2BALL
V2


Similar Part No. - PMD1204PQB1-A..U.GN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMD1204PQB1-A ETC-PMD1204PQB1-A Datasheet
198Kb / 4P
Sunon Power Motor Fan
2004/02/29
More results

Similar Description - PMD1204PQB1-A..U.GN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
Fan Motor Driver
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
Fan Motor Driver
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
Fan Motor Driver
May, 2013
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
For Fan Motor
September, 2013
logo
Princeton Technology Co...
PT2581 PTC-PT2581 Datasheet
397Kb / 7P
Fan-Motor Controller
logo
List of Unclassifed Man...
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
MagLev Motor Fan
PMD1238PKBX-A ETC-PMD1238PKBX-A Datasheet
198Kb / 4P
Sunon Power Motor Fan
2004/02/29
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
MagLev Motor Fan
11.30.2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com