Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMD1204PQB1-A..U.GN Datasheet(PDF) 3 Page - Sunon Fans

Part # PMD1204PQB1-A..U.GN
Description  Power Motor Fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

PMD1204PQB1-A..U.GN Datasheet(HTML) 3 Page - Sunon Fans

  PMD1204PQB1-A..U.GN Datasheet HTML 1Page - Sunon Fans PMD1204PQB1-A..U.GN Datasheet HTML 2Page - Sunon Fans PMD1204PQB1-A..U.GN Datasheet HTML 3Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03
05
FAN SERIES
GM Series
KDE Series
VOLTAGE
05:5VDC
12:12VDC
24:24VDC
48:48VDC
FRAME SIZ
17:17mm
01:20mm
02:25mm
03:30mm
35:35mm
FRAME MATERIAL
P:PBT Plastic
A:Aluminum
MOTOR POLES
8: 8 Poles
6: 6 Poles
Blank: 4 Poles
SPEED
X:SUPER
1:HIGH
2:MIDDLE
BEARING SYSTEM
V:VAPO
B:BALL
FRAME THICKNESS
E:6mm
D:8mm
F:10mm
G:12mm
H:15mm
K:20mm
3:LOW
4:EXTRA LOW
GM
B:24mm
T:25mm
Q:28mm
N:30mm
L:32mm
Y:33mm
I:35mm
M:38mm
O:40mm
P:56mm
06:60mm
07:70mm
75:75mm
08:80mm
09:92mm
97:97mm
12:120mm
Motor model
MagLev Design
Two ball bearing
Big hub
9 Blades
Smaller hub
Auto restart
3rd wire with frequency generation waveform
3rd wire with rotation detector waveform
Upgrade
RoHS compliance
11/13
MS
(2)
G
(9)
N
A
F
R
U
GN
P/N
Example: KDE1208PTV1 P/N:13.MS.A.GN
02
P
F
V
1
8
38:38mm
04:40mm
45:45mm
05:50mm
55:55mm
GB Series
PMD Series
PMB Series
Sunon Connector recommendation
Connector pitch
Manufacturer
Housing
Terminal
1.25mm
1.5mm
2.0mm
2.54mm
2.50mm
HIROSE
MOLEX
JST
JST
ECI
Molex
Molex
Molex
Molex
Molex
JAM
JST
JST
JST
JST
JWT
JWT
Molex
Molex
DF13-2S-1.25C
51021-0300
ZHR-2
PHR-2
2510-02
50-57-9405
2695-02RP
2695-03RP
6471-021
6471-031
SC25-02HG
SMR-02V-B
XHP-2
EHR-2(H28J-2)
SMP-02V-BC
A2502H02-2P
A2502H02-3P
5051-02
5264-02
DF13-2630SCF
50058-8200
SZH-002T-P0.5 or SZH-003T-P0.5
SPH-002T-P0.5S
2511-P
16-02-0069(70058-0004) or 16-02-0082(70058-0006)
2759T(39-00-0372)
2759T(39-00-0372)
4809-C-P914
4809-C-P914
725462-2MA
SYM-001T-P0.6
SXH-001T-0.6
SEH-001T-P0.6
SHF-001T-0.8BS
A2502TOP-2
A2502TOP-2
2759T(39-00-0372)
5263PBT(08-70-1039)
DC Fan and Blower Model Numbering System



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com