Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP4N80FP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4N80FP
Description  800V N-Plance Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4N80FP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4N80FP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4N80FP Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP4N80FIP
800V N-Plance Enhancement Mode MOSFET
AP4N80F/P Rve3.8
臺灣永源微電子科技有限公司
Description
The AP4N80F/P series are from the innovated design
and silicon process technology to achieve the lowest
possible on-resistance and fast switching performance
General Features
VDS =800V,ID =4A
RDS(ON) <
@ VGS=10V
Application
100% UIS Test
Simple Drive Requirement
Fast Switching Characteristic
RoHS Compliant & Halogen-Free
Package Marking and Ordering Information
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Product ID
Pack
Marking
Qty(PCS)
AP4N80F XXX YYYY
1000
AP4N80P XXX YYYY
1000
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
800
V
VGS
Gate-Source Voltage
+30
V
ID@TC=25
℃
Drain Current, VGS @ 10V3
4
A
IDM
Pulsed Drain Current1
16
A
PD@TC=25
℃
Total Power Dissipation
32.9
W
PD@TA=25
℃
Total Power Dissipation
1.92
W
EAS
Single Pulse Avalanche Energy4
8
mJ
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Rthj-c
Maximum Thermal Resistance, Junction-case
3.8
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
65
℃/W
Ω
2.5
AP4N80F
AP4N80P
TO-220F-3L
TO-220-3L


Similar Part No. - AP4N80FP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4N80D APME-AP4N80D Datasheet
818Kb / 7P
800V N-Channel Enhancement Mode MOSFET
REV1.0
AP4N80DY APME-AP4N80DY Datasheet
818Kb / 7P
800V N-Channel Enhancement Mode MOSFET
REV1.0
AP4N80Y APME-AP4N80Y Datasheet
818Kb / 7P
800V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP4N80FP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP1N80 PANJIT-PJP1N80 Datasheet
227Kb / 6P
800V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY7N80T HY-HY7N80T Datasheet
232Kb / 4P
800V / 7A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
8N80 WXDH-8N80 Datasheet
780Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
E8N80 WXDH-E8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
7N80 WXDH-7N80 Datasheet
901Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
E7N80 WXDH-E7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F7N80 WXDH-F7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F8N80 WXDH-F8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
I7N80 WXDH-I7N80 Datasheet
899Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
I8N80 WXDH-I8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com