Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP5N15MSI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP5N15MSI
Description  150V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5N15MSI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP5N15MSI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5N15MSI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5N15MSI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5N15MSI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5N15MSI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5N15MSI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5N15MSI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP5N15MSI
150V N-Channel Enhancement Mode MOSFET
AP5N15MSI RVE1.0
永源微電子科技有限公司
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Limit
Min
Typ
Max
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
150
170
V
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
1
1.6
3
V
IGSS
Gate Leakage Current
VDS=0V, VGS=±20V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=150V, VGS=0V
1
μA
RDS(ON)
Drain-Source On-Resistance
VGS=10V, ID= 7A
260
320
mΩ
RDS(ON)
Drain-Source On-Resistance
VGS=4.5V, ID= 6A
300
380
mΩ
VSD
Diode Forward Voltage
IS=1.8A, VGS=0V
0.8
1.2
V
Qg
Total Gate Charge
VDS=75V, VGS=10V, ID=10A
17.5
nC
Qgs
Gate-Source Charge
4.5
nC
Qgd
Gate-Drain Charge
4.7
nC
Ciss
Input Capacitance
VDS=25V, VGS=0V,f=1MHz
538
pF
Coss
Output Capacitance
55
pF
Crss
Reverse Transfer Capacitance
21
pF
td(on)
Turn-On Delay Time
VDS=75V, RL =10.68Ω,
VGEN=10V, RG=6Ω
11.6
ns
tr
Turn-On Rise Time
9.3
ns
td(off)
Turn-Off Delay Time
29.3
ns
tf
Turn-Off Fall Time
3.7
ns
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150
℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com