Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27V160 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M27V160
Description  16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V160 Datasheet(HTML) 2 Page - STMicroelectronics

  M27V160 Datasheet HTML 1Page - STMicroelectronics M27V160 Datasheet HTML 2Page - STMicroelectronics M27V160 Datasheet HTML 3Page - STMicroelectronics M27V160 Datasheet HTML 4Page - STMicroelectronics M27V160 Datasheet HTML 5Page - STMicroelectronics M27V160 Datasheet HTML 6Page - STMicroelectronics M27V160 Datasheet HTML 7Page - STMicroelectronics M27V160 Datasheet HTML 8Page - STMicroelectronics M27V160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M27V160
2/15
Figure 2B. SO Connections
G
Q0
Q8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
Q7
A12
A16
BYTEVPP
Q15A-1
Q5
Q2
Q3
VCC
Q11
Q4
Q14
A9
A19
A18
A4
NC
NC
A7
AI01900
M27V160
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
Q1
Q9
A6
A5
Q6
Q13
44
39
38
37
36
35
34
33
A11
A10
Q10
21
Q12
40
43
1
42
41
A17
A8
Figure 2A. DIP Connections
G
Q0
Q8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
Q7
A12
A16
BYTEVPP
Q15A-1
Q5
Q2
Q3
VCC
Q11
Q4
Q14
A9
A8
A17
A4
A18
A19
A7
AI01899
M27V160
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
Q1
Q9
A6
A5
Q6
Q13
42
39
38
37
36
35
34
33
A11
A10
Q10
21
Q12
40
41
Table 1. Signal Names
A0-A19
Address Inputs
Q0-Q7
Data Outputs
Q8-Q14
Data Outputs
Q15A–1
Data Output / Address Input
E
Chip Enable
G
Output Enable
BYTEVPP
Byte Mode / Program Supply
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DEVICE OPERATION
The operating modes of the M27V160 are listed in
the Operating Modes Table. A single power supply
is required in the read mode. All inputs are TTL
compatible except for VPP and 12V on A9 for the
Electronic Signature.
Read Mode
The M27V160 has two organisations, Word-wide
and Byte-wide. The organisation is selected by the
signal level on the BYTEVPP pin. When BYTEVPP
is at VIH the Word-wide organisation is selected
and the Q15A–1 pin is used for Q15 Data Output.
When the BYTEVPP pin is at VIL the Byte-wide or-
ganisation is selected and the Q15A–1 pin is used
for the Address Input A–1. When the memory is
logically regarded as 16 bit wide, but read in the
Byte-wide organisation, then with A–1 at VIL the
lower 8 bits of the 16 bit data are selected and with
A–1 at VIH the upper 8 bits of the 16 bit data are
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com