Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZIOL2201 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZIOL2201 Datasheet HTML 1Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 2Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 3Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 4Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 5Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 6Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 7Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 8Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
3
April 26, 2016
List of Figures
Figure 2.1
Max. Total Power Dissipation ................................................................................................................6
Figure 2.2
Efficiency of the DC/DC converter for VOUT=5V, C=10µF and L=10µH ............................................12
Figure 3.1
Functional Block Diagram of the ZIOL2xxx .........................................................................................13
Figure 3.2
ZIOL24xx Transceiver Data Path in Principle......................................................................................14
Figure 3.3
ZIOL22xx Transceiver Data Path in Principle......................................................................................15
Figure 3.4
ZIOL21xx Transceiver Data Path in Principle......................................................................................16
Figure 3.5
ZIOL24xx in Device and Master Mode Application..............................................................................19
Figure 3.6
Typical IO-Link Device Configuration with HS driver only ...................................................................22
Figure 3.7
Wake-Up Signal Recognition...............................................................................................................24
Figure 3.8
The Basic Scheme of the IC Self Protection .......................................................................................26
Figure 3.9
Memory Unit.........................................................................................................................................28
Figure 3.10 General timing of a byte transfer .........................................................................................................30
Figure 3.11 Structure of SPI accesses ...................................................................................................................31
Figure 3.12 SPI Command Structure ......................................................................................................................32
Figure 3.13 SPI Timing ...........................................................................................................................................34
Figure 3.14 Interrupt (INT_L pin) and Wake-up (WURQ_L pin) Signaling .............................................................45
Figure 3.15 COM Channel Lock Control .................................................................................................................46
Figure 3.16 AUX Channel Lock Control ..................................................................................................................47
Figure 3.17 Over-Temperature Lock Control ..........................................................................................................48
Figure 3.18 Internal IC Sensors and related Overload and Over-Temperature Detection Circuits ........................50
Figure 3.19 Low Voltage Supply Concept...............................................................................................................52
Figure 3.20 PFD Working Principle.........................................................................................................................53
Figure 3.21 DC/DC Converter in Principle ..............................................................................................................55
Figure 3.22 DC/DC Converter Output Voltage as Function of R1 (R2 = 10kOhms) ..............................................57
Figure 3.23 High frequency critical loops of DC/DC converter for PCB layout .......................................................58
Figure 3.24 PCB layout of Evaluation board as an example ..................................................................................59
Figure 4.1
Simplified Application Circuit with the ZIOL2xxx in Device Mode .......................................................60
Figure 4.2
Simplified Application Circuit with the ZIOL2xxx in Master Mode .......................................................61
Figure 4.3
Power Line Fail Detection ....................................................................................................................62
Figure 4.4
PCB Layout Recommendations...........................................................................................................63
Figure 6.1
Pin Diagram of the ZIOL2xxx...............................................................................................................68
Figure 6.2
Package Dimensions ...........................................................................................................................69
Figure 6.3
Top Marking of the ZIOL2xxx ..............................................................................................................70
Figure 6.4
Package Dimensions ...........................................................................................................................72
Figure 6.5
Package Dimensions WL-CSP ............................................................................................................73
Figure 6.6
Top Marking of the ZIOL2xxx CSP ......................................................................................................74
Figure 9.1
Register Representation in Principle (Example) ..................................................................................78
Figure 10.1 Peak Register Access Scenarios.........................................................................................................82
Figure 10.2 Overload Counter Behavior in permanent Over-Current Situations ....................................................83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com