Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZIOL2201 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 11Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 12Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 13Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 14Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 15Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 16Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 17Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 18Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
15
April 26, 2016
In order to gain optimal EMC behavior the slew rate of the output signals of both drivers can be adjusted. The
input threshold levels of the receiver can be set to ratiometric or to IO-Link conform levels, which enables the IC to
be used in applications having a wide supply voltage range.
The configuration of the transceiver can be changed during operation. After power-on this configuration is
automatically loaded from the on-chip EEPROM.
Driver and receiver are kept totally separated, so full duplex mode in data communication systems is supported.
The ability to enable/disable the drivers output also enables applications in half duplex mode, where output and
input are connected. Having the I/O-pins separated also enables additional external input filtering.
The COM channel send and receive signals (TX_EN, TX, RX) are multiplexed with the signals of the SPI
functional unit of the IC (SPI_CLK, MOSI, MISO) as shown in Figure 3.2. The SPI unit is used for IC configuration
and diagnostic purposes (refer to chapter 3.3.8). As long the SPI unit is active (SPI_EN_L = low), the send status
of the COM channel is kept (for information refer to chapter 3.3.8 and Figure 3.10).
Figure 3.3
ZIOL22xx Transceiver Data Path in Principle
Device
Legend:
AF:
Analog Filter (on/off configurable)
CS:
Current Sink (on/off/strength configurable)
DF:
Digital Filter (on/off configurable)
I1, I2:
Transmit/Receive Data Inverter (on/off configurable)
L:
Data Latch, stores channel transmit status
SPI:
Serial Peripheral Interface
Analog Block
Digital Block
AF
AUX_I
AUX_O
TX_EN/
SPI_CLK
TX/
MOSI
RX/
MISO
COM_O
COM_I
AUX_TX
AUX_EN
AUX_RX
Single channel
transceiver
COM
SPI
SPI_EN_L
DF
I2
CLK
I1
Device
DF
I2
I1
CS
ZIOL22xx Data Path
RST_L
INT_L
WURQ_L
Control
MOSI
MISO
L
L
Conf.Reg[7][7:5]
S0
S1
S2
S3
A
B
B
B
A
B
A
A
C
EN
TX
RX
OUT
IN
n.c.
n.c.
n.c.
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com