Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP40H04NF2 Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40H04NF2
Description  40V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40H04NF2 Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40H04NF2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP40H04NF2
40V N+N-Channel Enhancement Mode MOSFET
AP40H04NF2 REV1.0
永源微電子科技有限公司
Description
The AP40H04NF2 uses advanced SGT V technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 40V ID =40A
RDS(ON) < 9.0mΩ @ VGS=10V (Type:6.0mΩ)
CISS≈690PF
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40H04NF2
PDFN5*6-8L
AP40H04NF2 XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
40
A
ID@TC=75℃
Continuous Drain Current, VGS @ 10V1
20
A
IDM
Pulsed Drain Current2
120
A
EAS
Single Pulse Avalanche Energy3
48
mJ
IAS
Avalanche Current
31
A
PD@TC=25℃
Total Power Dissipation4
33.7
W
PD@TA=25℃
Total Power Dissipation4
2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
25
℃
/W
RθJC
Thermal Resistance Junction-Case1
3.2
℃
/W


Similar Part No. - AP40H04NF2

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40H02DF APME-AP40H02DF Datasheet
1Mb / 7P
20V NN-Channel Enhancement Mode MOSFET
AP40H03DF2 APME-AP40H03DF2 Datasheet
754Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP40H03NF APME-AP40H03NF Datasheet
841Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP40H06DF APME-AP40H06DF Datasheet
761Kb / 7P
60V NN-Channel Enhancement Mode MOSFET
More results

Similar Description - AP40H04NF2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H04LI YFWDIODE-YFW6H04LI Datasheet
964Kb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8H04DF YFWDIODE-YFW8H04DF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8H04S YFWDIODE-YFW8H04S Datasheet
991Kb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H04DF YFWDIODE-YFW10H04DF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H04S YFWDIODE-YFW10H04S Datasheet
1Mb / 6P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H04NF YFWDIODE-YFW20H04NF Datasheet
2Mb / 6P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H04S YFWDIODE-YFW20H04S Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW35H04NF YFWDIODE-YFW35H04NF Datasheet
2Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40H04NF YFWDIODE-YFW40H04NF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com