Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP40H04NF2 Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP40H04NF2
Description  40V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40H04NF2 Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP40H04NF2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40H04NF2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP40H04NF2
40V N+N-Channel Enhancement Mode MOSFET
AP40H04NF2 REV1.0
永源微電子科技有限公司
Package Mechanical Data-PDFN5*6-8L-JX Double2
Symbol
Common
mm
Mim
Non
Max
A
0.900
1.05
1.100
b
0.35
0.40
0.50
C
0.20
0.25
0.35
D
4.9
5.05
5.20
D1
3.71
3.81
3.91
E
6.0
6.15
6.30
E1
5.65
5.75
5.85
E2
2.34
2.44
2.54
E3
0.67
0.77
0.87
e
1.27BSC
H1
0.37
0.47
0.57
H2
0.33
0.43
0.53
k
0.40
0.50
0.60
K1
0.69
0.79
0.89
K2
0.65
0.75
0.85
K1/l2
0.20REF
θ
8°
10°
12°
M
0.08REF
N
0
0.15
p
1.28REF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com