Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 74 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 74 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 70Page - Texas Instruments DAC39RFS10 Datasheet HTML 71Page - Texas Instruments DAC39RFS10 Datasheet HTML 72Page - Texas Instruments DAC39RFS10 Datasheet HTML 73Page - Texas Instruments DAC39RFS10 Datasheet HTML 74Page - Texas Instruments DAC39RFS10 Datasheet HTML 75Page - Texas Instruments DAC39RFS10 Datasheet HTML 76Page - Texas Instruments DAC39RFS10 Datasheet HTML 77Page - Texas Instruments DAC39RFS10 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 232 page
background image
6.16 Typical Characteristics: Linearity Sweeps (continued)
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-17 dBFS
-12 dBFS
-7 dBFS
0 dBFS
IFS_SWITCH = 41mA, DEM/Dither off
Figure 6-138. IMD3 vs Frequency and Digital Amplitude in
DES2X Modes
Output Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-17 dBFS
-12 dBFS
-7 dBFS
0 dBFS
IFS_SWITCH = 41mA, DEM/Dither on
Figure 6-139. IMD3 vs Frequency and Digital Amplitude in
DES2X Modes
To ne Spacing (MHz)
0
50
100 150 200 250 300 350 400 450 500
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20.5 mA, DEM/Dither on, DEM_ADJ = 0
20.5 mA, DEM/Dither on, DEM_ADJ = 1
20.5 mA, DEM/Dither off
41 mA, DEM/Dither on, DEM_ADJ = 0
41 mA, DEM/Dither on, DEM_ADJ = 1
41 mA, DEM/Dither off
FCENTER = 1997MHz
Figure 6-140. IMD3 vs Tone Spacing in NRZ Mode
To ne Spacing (MHz)
0
50
100 150 200 250 300 350 400 450 500
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20.5 mA, DEM/Dither on, DEM_ADJ = 0
20.5 mA, DEM/Dither on, DEM_ADJ = 1
20.5 mA, DEM/Dither off
41 mA, DEM/Dither on, DEM_ADJ = 0
41 mA, DEM/Dither on, DEM_ADJ = 1
41 mA, DEM/Dither off
FCENTER = 1997MHz
Figure 6-141. IMD3 vs Tone Spacing in DES2XL Mode
To ne Spacing (MHz)
0
50
100 150 200 250 300 350 400 450 500
-80
-70
-60
-50
-40
-30
-20
-10
0
20.5 mA, DEM/Dither on, DEM_ADJ = 0
20.5 mA, DEM/Dither on, DEM_ADJ = 1
20.5 mA, DEM/Dither off
41 mA, DEM/Dither on, DEM_ADJ = 0
41 mA, DEM/Dither on, DEM_ADJ = 1
41 mA, DEM/Dither off
FCENTER = 7997MHz
Figure 6-142. IMD3 vs Tone Spacing in RF Mode
To ne Spacing (MHz)
0
50
100 150 200 250 300 350 400 450 500
-80
-70
-60
-50
-40
-30
-20
-10
0
20.5 mA, DEM/Dither on, DEM_ADJ = 0
20.5 mA, DEM/Dither on, DEM_ADJ = 1
20.5 mA, DEM/Dither off
41 mA, DEM/Dither on, DEM_ADJ = 0
41 mA, DEM/Dither on, DEM_ADJ = 1
41 mA, DEM/Dither off
FCENTER = 7997MHz
Figure 6-143. IMD3 vs Tone Spacing in DES2XH Mode
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
74
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com