| Electronic Components Datasheet Search |
|
DAC39RFS10 Datasheet(PDF) 91 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC39RFS10 Datasheet(HTML) 91 Page - Texas Instruments |
|
91 / 232 page ![]() 7 Detailed Description 7.1 Overview DAC39RF10-Sx and 'RFS10-Sx are a family of single and dual channel digital-to-analog converters (DAC) with 16-bit resolution. The device can be used as single channel or dual channel non-interpolation DACs. The device can also be used as interpolating DACs in either direct RF sampling mode or baseband mode, supporting up to four complex (IQ) input streams that can be combined at different RF frequencies. The maximum input data rate is 20.8 GSPS in single channel mode or 10.4GSPS in dual channel mode or baseband mode. The device can generate signals of up to 5, 7, 8, 10GHz signal bandwidth (8, 12, 16-bit input resolution) at carrier frequencies exceeding 8GHz enabling direct sampling through C-band and into X-band. The 64-bit NCO frequency resolution and infinite frequency hopping with phase coherence, continuity and reset options makes the device ideally suited for arbitrary waveform generation (AWG) and direct digital synthesis (DDS). A JESD204C compatible serial interface with 8b/10b and 64b/66b encoding options has 16 receiver pairs capable of up to 12.8Gbps. The interface is JESD204C subclass-1 compliant for deterministic latency and multi-device synchronization through the use of SYSREF. The SYSREF Windowing feature allows for automatic SYSREF timing calibration. 7.2 Functional Block Diagrams CLK+ CLK– SYSREF+ SYSREF– SYSREF Window JESD204B/ 204C Block 0SRX+ 0SRX– DACOUTB+ DACOUTB– SYNC Mul -Nyquist DAC 7SRX+ 7SRX– 15SRX+ 15SRX– 8SRX+ 8SRX– Lane MUX DACOUTA+ DACOUTA– Mul -Nyquist DAC RF Bonder or IQ DAC MUX DUC0 L DUC1 L DUC2 L DUC3 L 2 DESDAC 2 DESDAC Fast Recon gura on controller Control Interface & GPIOs Figure 7-1. Dual Channel Device www.ti.com DAC39RF10-SP, DAC39RF10-SEP DAC39RFS10-SP, DAC39RFS10-SEP SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 91 Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |