Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST2S06A33 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST2S06A33
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06A33 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST2S06A33 Datasheet HTML 5Page - STMicroelectronics ST2S06A33 Datasheet HTML 6Page - STMicroelectronics ST2S06A33 Datasheet HTML 7Page - STMicroelectronics ST2S06A33 Datasheet HTML 8Page - STMicroelectronics ST2S06A33 Datasheet HTML 9Page - STMicroelectronics ST2S06A33 Datasheet HTML 10Page - STMicroelectronics ST2S06A33 Datasheet HTML 11Page - STMicroelectronics ST2S06A33 Datasheet HTML 12Page - STMicroelectronics ST2S06A33 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ST2S06A33 - ST2S06B - ST2S06D33
Electrical characteristics
9/21
Table 9.
Electrical characteristics for ST2S06B (VIN_SW = VIN_A = 5 V, VO1,2 =1.2 V, C1= 4.7 µF,
C2 = C3 = 22 µF, L1 = L2 = 3.3 µH, TJ = -30 to 125 °C unless otherwise specified. Typical
values are referred to 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB1,2
Feedback voltage
784
800
816
mV
IFB1,2
VFB pin bias current
VFB = 1 V
600
nA
IQ
Quiescent current
VINH > 1.2 V, VFB = 1 V
1
mA
VINH < 0.4 V
1
µA
IO1,2
Output current
VIN = 2.5 to 5.5 V
(1)
0.8
A
IMIN
Minimum output current
1
mA
VINH
Inhibit threshold
2.5V < VIN < 5 V
1.2
2.5V < VIN < 5.5 V
1.3
V
Device OFF
0.4
IINH1,2
Inhibit pin current
2
µA
%VO1,2/
ΔVIN
Reference line regulation
2.5V < VIN < 5.5 V
0.032
%VO/
VIN
ΔVO1,2
Reference load regulation
10 mA < IO < 0.5 A
5.5
15
mV
PWM fS
PWM switching
frequency(1)
VFB = 0.7 V, TA = 25°C
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
VFB = 0.7 V, TA = 25°C
85
94
%
ISWL
Switching current limitation
1
1.2
A
ILKN
NMOS leakage current
VFB = 0.9 V, TA = 25°C
0.1
µA
ILKP
PMOS leakage current
VFB = 0.9 V, TA = 25°C
0.1
µA
RDSon-N
NMOS switch on resistance ISW = 250 mA
0.15
0.3
Ω
RDSon-P
PMOS switch on resistance ISW = 250 mA
0.2
0.4
Ω
η
Efficiency
IO = 20 mA to 100 mA
75
%
IO = 100 mA to 0.5 A
90
%
TSHDN
Thermal shut down (2)
130
150
°C
THYS
Thermal shut down
hysteresis (1)
15
°C
ΔVO1,2/ΔIO Load transient response (1)
100 mA < IO < 500 mA,
tR = tF1 => 100 ns, TA = 25°C
-5
+5
%VO
1.
VO= 90% of nominal value.
2.
Guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com