| Electronic Components Datasheet Search |
|
ST2S06A33 Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST2S06A33 Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() ST2S06A33 - ST2S06B - ST2S06D33 Maximum ratings 5/21 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VIN_SW Positive power supply voltage -0.3 to 7 V VIN_A Positive power supply voltage -0.3 to 7 V VINH Inhibit voltage -0.3 to 7 V SWITCH voltage Max. voltage of output pin -0.3 to 7 V VFB1,2/VO1 Feedback voltage/output voltage -0.3 to 2.5 V VO1 Output voltage (for VO > 1.6 V) -0.3 to 5 V Current into VFB pin Common mode input voltage +1 to -1 mA TJ Max junction temperature 150 °C TSTG Storage temperature range -65 to +150 °C TLEAD Lead temperature (soldering) 10 sec. 300 °C Table 4. Thermal data Symbol Parameter Value Unit RthJC Thermal resistance junction-case 10 °C/W RthJA Thermal resistance junction-ambient 60 °C/W Table 5. ESD performance Symbol Parameter Test conditions Value Unit ESD ESD protection voltage HBM-DH11C 4 kV |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |