Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP100N10P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP100N10P
Description  100V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N10P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP100N10P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP100N10P
100V N-Channel Enhancement Mode MOSFET
AP100N10P/T Rve3.8
臺灣永源微電子科技有限公司
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
—
0.55
—
C/Wْ
RθJA
Junction-to-ambient
—
—
62
Electrical Characteristics( @TJ=25 Cْunless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
BVDSS
Drain-to-Source breakdown voltage
100
—
—
V
VGS=0V,ID=250μA
RDS(on) Static Drain-to-Source on-resistance
—
11
16
mΩ
VGS=10V,ID=30A
VGS(th)
Gate threshold voltage
2.0
—
4.0
V
VDS=VGS,ID=250μA
IDSS
Drain-to-Source leakage current
—
—
2
μA
VDS=100V,VGS=0V
—
—
10
VDS=100V,
VGS=0V,TJ=105ْC
IGSS
Gate-to-Source forward leakage
—
—
100
nA
VGS=20V
Gate-to-Source reverse leakage
—
—
-100
VGS=-20V
Qg
Total gate charge
—
90
nC
ID=30A,VGS=10V
VDD=30V
Qgs
Gate-to-Source charge
—
20
—
Qgd
Gate-to-Drain("Miller") charge
—
31
—
td(on)
Turn-on delay time
—
18.2
nS
VDD=30V
ID=2A ,RL=15Ω
RG=2.5Ω
VGS=10V
tr
Rise time
—
15.6
td(off)
Turn-Off delay time
—
70.5
tf
Fall time
—
13.8
Ciss
Input capacitance
—
3150
pF
VGS=0V
VDS=25V
f=1.0MHZ
Coss
Output capacitance
—
350
Crss
Reverse transfer capacitance
—
240
IS
Continuous Source Current
(Body Diode)
—
—
75
A
MOSFET symbol
showing the
integral reverse p-n junction diode.
ISM
Pulsed Source Current
(Body Diode) ①
—
—
300
VSD
Diode Forward Voltage
—
—
1.3
V
TJ=52ْC,IS=60A,VGS=0V ③
trr
Reverse Recovery Time
-
57
—
nS
TJ=52ْC,IF=75A di/dt=100A/μs
③
Qrr
Reverse Recovery Charge
-
107
—
μC
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Note
1、Repetitive rating; pulse width limited by max junction temperature.
2、Test condition: L =0.3mH, VDD = 50V,Id=37A
3、
Pulse width≤300μS, duty cycle≤1.5% ; RG = 25Ω Starting TJ = 25°C
4、



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com