Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP100N20MP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100N20MP
Description  200V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N20MP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100N20MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 7Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP100N20MP
200V N-Channel Enhancement Mode MOSFET
AP100N20MP RVE1.0
永源微電子科技有限公司
Description
The AP100N20MP uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection or
in other Switching application.
General Features
VDS = 200V ID =100A
RDS(ON) < 20mΩ @ VGS=10V (Type:17mΩ)
Application
Load Switch
PWM Application
Power management
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100N20MP
TO-247-3L
AP100N20MP XXX YYYY
360
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDSS
Drain-to-Source Voltage
200
V
ID@TA=25
℃
Continuous Drain Current VGS @ 10V
100
A
ID@TA=70
℃
Continuous Drain Current VGS @ 10V
52
A
IDMa1
Pulsed Drain Current (pulse width limited by TJM)
300
A
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
300
mJ
EAra1
Avalanche Energy, Repetitive
75
mJ
IAR a1
Avalanche Current
45
A
dv/dta2
Peak Diode Recovery dv/dt
5.0
V/ns
PD
Power Dissipation
375
W
TJ,Tstg
Operating Junction and Storage Temperature Range
175
,–55 To +175
℃
RθJC
Thermal Resistance, Junction-to-Case
0.45
℃/ W
RθJA
Thermal Resistance, Junction-to-Ambient
60
℃/ W


Similar Part No. - AP100N20MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N20BF APME-AP100N20BF Datasheet
1Mb / 9P
200V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N20BFPT APME-AP100N20BFPT Datasheet
1Mb / 9P
200V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N20BP APME-AP100N20BP Datasheet
1Mb / 9P
200V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N20BT APME-AP100N20BT Datasheet
1Mb / 9P
200V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100N20MP

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN20B28K DIODES-ZXMN20B28K_15 Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shenzhen Huazhimei Semi...
HM2N20MR HMSEMI-HM2N20MR Datasheet
928Kb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK18N20 LEIDITECH-LMAK18N20 Datasheet
1Mb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJU18N20 PANJIT-PJU18N20 Datasheet
1Mb / 8P
200V N-Channel Enhancement Mode MOSFET
July 18,2017-REV.00
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
STD5N20LT4-TP TECHPUBLIC-STD5N20LT4-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com