Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

293D157004B Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 293D157004B
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D157004B Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 293D157004B Datasheet HTML 5Page - Vishay Siliconix 293D157004B Datasheet HTML 6Page - Vishay Siliconix 293D157004B Datasheet HTML 7Page - Vishay Siliconix 293D157004B Datasheet HTML 8Page - Vishay Siliconix 293D157004B Datasheet HTML 9Page - Vishay Siliconix 293D157004B Datasheet HTML 10Page - Vishay Siliconix 293D157004B Datasheet HTML 11Page - Vishay Siliconix 293D157004B Datasheet HTML 12Page - Vishay Siliconix 293D157004B Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
293D
www.vishay.com
Vishay Sprague
Upgrade for High Reliability With T83
Revision: 02-Jul-2025
11
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 VDC AT +85 °C; 33 VDC AT +125 °C
0.68
B
293D684(1)050B(2)
0.5
4
7.60
0.11
0.68
C
293D684(1)050C(2)
0.5
4
5.90
0.14
1.0
B
293D105(1)050B(2)
0.5
4
6.70
0.11
1.0
C
293D105(1)050C(2)
0.5
4
4.60
0.16
1.5
B
293D155(1)050B(2)
0.8
6
6.00
0.12
1.5
C
293D155(1)050C(2)
0.8
6
3.40
0.18
1.5
D
293D155(1)050D(2)
0.8
6
2.90
0.23
2.2
B
293D225(1)050B(2)
1.1
6
3.50
0.16
2.2
C
293D225(1)050C(2)
1.1
6
2.90
0.20
2.2
D
293D225(1)050D(2)
1.1
6
2.10
0.27
3.3
C
293D335(1)050C(2)
1.7
6
2.50
0.21
3.3
D
293D335(1)050D(2)
1.7
6
1.70
0.30
4.7
C
293D475(1)050C(2)
2.4
6
1.50
0.27
4.7
D
293D475(1)050D(2)
2.4
6
1.20
0.37
4.7
E
293D475(1)050E(2)
2.4
6
1.10
0.34
6.8
D
293D685(1)050D(2)
3.4
6
0.90
0.41
6.8
E
293D685(1)050E(2)
3.4
6
0.90
0.43
10
D
293D106(1)050D(2)
5.0
6
0.80
0.43
10
E
293D106(1)050E(2)
5.0
6
0.80
0.45
15
E
293D156(1)050E(2)
7.5
6
0.80
0.45
63 VDC AT +85 °C; 40 VDC AT +125 °C
3.3
D
293D335(1)063D(2)
2.1
6
1.50
0.32
4.7
D
293D475(1)063D(2)
3.0
6
1.10
0.37
10
E
293D106(1)063E(2)
6.3
6
1.00
0.41
75 VDC AT +85 °C; 50 VDC AT +125 °C
0.10
A
293D104(1)075A(2)
0.5
4
30.00
0.05
0.15
B
293D154(1)075B(2)
0.5
4
25.00
0.06
0.22
B
293D224(1)075B(2)
0.5
4
20.00
0.07
0.33
B
293D334(1)075B(2)
0.5
4
15.00
0.08
0.47
B
293D474(1)075B(2)
0.5
4
12.00
0.08
0.68
B
293D684(1)075B(2)
0.6
4
10.00
0.09
0.68
C
293D684(1)075C(2)
0.6
4
10.00
0.11
1.0
D
293D105(1)075D(2)
0.8
6
6.00
0.16
1.5
B
293D155(1)075B(2)
1.1
6
4.00
0.15
1.5
C
293D155(1)075C(2)
1.1
6
4.00
0.17
1.5
D
293D155(1)075D(2)
1.1
6
4.00
0.19
2.2
D
293D225(1)075D(2)
1.7
6
3.00
0.22
3.3
D
293D335(1)075D(2)
2.5
6
2.50
0.24
4.7
E
293D475(1)075E(2)
3.5
10
2.50
0.26
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: X0, X9. For ± 5 % tolerance (code X5) contact factory
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W, 2DE3, 2RE3, 8D, 8R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com