Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

293D157004B Datasheet(PDF) 12 Page - Vishay Siliconix

Part # 293D157004B
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D157004B Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button 293D157004B Datasheet HTML 5Page - Vishay Siliconix 293D157004B Datasheet HTML 6Page - Vishay Siliconix 293D157004B Datasheet HTML 7Page - Vishay Siliconix 293D157004B Datasheet HTML 8Page - Vishay Siliconix 293D157004B Datasheet HTML 9Page - Vishay Siliconix 293D157004B Datasheet HTML 10Page - Vishay Siliconix 293D157004B Datasheet HTML 11Page - Vishay Siliconix 293D157004B Datasheet HTML 12Page - Vishay Siliconix 293D157004B Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
293D
www.vishay.com
Vishay Sprague
Upgrade for High Reliability With T83
Revision: 02-Jul-2025
12
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CURVES AT +25 °C, IMPEDANCE AND ESR VS. FREQUENCY
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
A
0.075
B
0.085
C
0.110
D
0.150
E
0.165
10
100
1000
10000
0.1
1
10
100
1K
10K
100K
1M
10M
100M
Axis Title
Frequency (Hz)
Impedance
ESR
4.7 μF, 10 V
DC - B case
47 μF, 10 V
DC - D case
10
100
1000
10000
0.1
1
10
100
1K
10K
100K
1M
10M
100M
Axis Title
Frequency (Hz)
Impedance
ESR
10 μF, 16 V
DC - C case
10
100
1000
10000
0.1
1
10
100
1K
10K
100K
1M
10M
100M
Axis Title
Frequency (Hz)
Impedance
ESR
6.8 μF, 20 V
DC - C case
22 μF, 20 V
DC - D case
10
100
1000
10000
0.1
1
10
100
1K
10K
100K
1M
10M
100M
Axis Title
Frequency (Hz)
Impedance
ESR
1 μF, 35 V
DC - B case
6.8 μF, 35 V
DC - D case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com