Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMPDDFI-A01T3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMPDDFI-A01T3
Description  FREQUENCY SELECTABLE MEMS OSCILLATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPDDFI-A01T3 Datasheet(HTML) 1 Page - Abracon Corporation

  AMPDDFI-A01T3 Datasheet HTML 1Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 2Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 3Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 4Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 5Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 6Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 7Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 8Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RoHS/RoHS II Compliant
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 07.02.2018
AMPD-SERIES
MSL = MSL 1
Pb
ESD Sensitive
1.6 x 1.2 x 0.84 mm
2.0 x 1.6 x 0.84 mm
2.5 x 2.0 x 0.84 mm
3.2 x 2.5 x 0.85 mm
FREQUENCY SELECTABLE MEMS OSCILLATORS
ELECTRICAL SPECIFICATIONS
FEATURES
APPLICATIONS
Parameters
Min.
Typ.
Max.
Units
Note
Frequency Range
1.0000
80.0000
MHz
Power Supply Voltage (V
DD)
1.71
3.63
V
Current Consumption (I
DD)
1.3
mA
f
out = 24MHz, VDD=1.8V,
No Load
Operating Temperature Range
-
40
+
85
°C
See Options
Storage Temperature
-55
+150
°C
All Inclusive Frequency Stability
-25
+25
ppm
Options “D” or “F”
-50
+50
Options “E” or “G”
Aging
-5
+5
ppm
1st year @25ºC
-1
+1
Per year after first year
Duty Cycle
45
55
%
1 MHz to 39 MHz
61 MHz to 80 MHz
40
60
40 MHz to 60 MHz
Output Logic Levels
V
OH
0.8*V
DD
V
Logic High I = 1 mA
V
OL
0.2*V
DD
Logic Low I = -1 mA
Input Logic Levels
V
IH
0.7*V
DD
V
Logic High
V
IL
0.3*V
DD
Logic Low
Enable Pull-Up Resistor
300
kΩ
Power Supply Ramp (t
PU)
0.1
100
ms
Time to 90% targeted V
DD
Start-up Time (t
SU)
1.3
ms
From 90% V
DD to valid clock
output, @ 25ºC
Electrical characteristics unless otherwise indicated, V
DD =1.8V -5% to 3.3V +10%, temperature range -40ºC to 85 ºC
• Output selectable between 2 frequencies
• Compact footprint as small as 1.6x1.2mm
• Low 0.84mm profile
• Low power consumption
• 1MHz to 80MHz output frequency range
• Short lead time for new frequencies
• Wide -40°C to +85°C operating temperature range
• Low operating current: 1.3mA IDD (typ)
• Wearables
• Internet of Things (IoT)
• Industrial IoT
• Audio and video
• Drones and robotics


Similar Part No. - AMPDDFI-A01T3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AMP UTC-AMP Datasheet
166Kb / 6P
2.5W DUAL AUDIO POWER AMP
logo
Mini-Circuits
AMP-15 MINI-AMP-15 Datasheet
189Kb / 2P
Low Noise Amplifier
logo
Adlink Technology Inc.
AMP-204C ADLINK-AMP-204C Datasheet
437Kb / 3P
DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
AMP-208C ADLINK-AMP-208C Datasheet
437Kb / 3P
DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
logo
Mini-Circuits
AMP-25G MINI-AMP-25G Datasheet
71Kb / 1P
Plug-In Amplifier
More results

Similar Description - AMPDDFI-A01T3

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FCPH243250-100 SYNERGY-FCPH243250-100 Datasheet
775Kb / 7P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL3239-10 SYNERGY-FCPL3239-10 Datasheet
517Kb / 3P
SELECTABLE FREQUENCY SYNTHESIZER
FCPH225375-10 SYNERGY-FCPH225375-10 Datasheet
578Kb / 6P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL511-10 SYNERGY-FCPL511-10 Datasheet
459Kb / 8P
Selectable frequency SYNTHESIZER
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
Selectable frequency SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPH243290-10 SYNERGY-FCPH243290-10 Datasheet
281Kb / 4P
SELECTABLE FREQUENCY SYNTHESIZER
logo
Microchip Technology
DSC12X2 MICROCHIP-DSC12X2 Datasheet
918Kb / 32P
High Performance Differential MEMS Oscillators
08/15/18
logo
Maxim Integrated Produc...
MAX9700BEVKIT MAXIM-MAX9700BEVKIT Datasheet
755Kb / 5P
Selectable Switching Frequency
Rev 0; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com