Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMPDDFI-A01T3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AMPDDFI-A01T3
Description  FREQUENCY SELECTABLE MEMS OSCILLATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPDDFI-A01T3 Datasheet(HTML) 2 Page - Abracon Corporation

  AMPDDFI-A01T3 Datasheet HTML 1Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 2Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 3Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 4Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 5Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 6Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 7Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 8Page - Abracon Corporation AMPDDFI-A01T3 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RoHS/RoHS II Compliant
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 07.02.2018
AMPD-SERIES
MSL = MSL 1
Pb
ESD Sensitive
1.6 x 1.2 x 0.84 mm
2.0 x 1.6 x 0.84 mm
2.5 x 2.0 x 0.84 mm
3.2 x 2.5 x 0.85 mm
FREQUENCY SELECTABLE MEMS OSCILLATORS
FREQUENCY SELECTABLE MEMS OSCILLATORS
Parameters
min
Typ.
Max.
Units
Note
Frequency Select Settling Time (t
fs)
40
μs
Rise (Tr) / Fall (Tf) Time
Low Drive
20% ↔ 80%
2.5
3.5
ns
CL = 5 pF | V
DD =1.8V
1.5
2.2
CL = 5 pF
V
DD =2.5V/3.3V
Std Drive
20% ↔ 80%
1.2
2.0
CL = 10 pF | V
DD =1.8V
0.6
1.2
CL = 10 pF
V
DD =2.5V/3.3V
RMS Period Jitter
Low Drive
f
out = 27 MHz
32
40
ps
V
DD = 1.8V
25
32
V
DD = 2.5/3.3V
Std Drive
f
out = 27 MHz
23
30
V
DD = 1.8V
20
28
V
DD = 2.5/3.3V
Cycle-to-Cycle Jitter
(Peak)
Low Drive
f
out = 27 MHz
180
240
ps
V
DD = 1.8V
120
170
V
DD = 2.5/3.3V
Std Drive
f
out = 27 MHz
115
190
V
DD = 1.8V
90
150
V
DD = 2.5/3.3V
ABSOLUTE MAXIMUM RATINGS
Parameters
min
Typ.
Max.
Units
Note
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
V
DD+0.3
V
Maximum Junction Temperature
+150
ºC
Ambient Operating Temperature
-40
+85
ºC
Industrial
Ambient Operating Temperature
-20
+70
ºC
Extended Commercial
Storage Ambient Temperature Range
-55
+150
ºC
Soldering Temperature
+260
ºC
40 Sec Maximum
ESD Protection
4 kV HBM, 400V MM, 2 kV CDM
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com