Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2305AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2305AI
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2305AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2305AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP2305AI
-20V P-Channel Enhancement Mode MOSFET
AP2305AI RVE1.1
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown
Voltage
VGS= 0V, ID= -250μA
-20
-24
-
V
IGSS
Gate-Body Leakage
VDS= 0V, VGS= ±10V
-
-
±10
μA
IDSS
Zero Gate Voltage Drain
Current
VDS= -20V, VGS= 0V
-
-
-1
μA
VGS(th)
Gate-Threshold Voltage
VDS= VGS, ID= -250μA
-0.3
-0.65
-1
V
RDS(on)
Drain-Source on-Resistance3
VGS= -4.5V,ID= -4A
-
27
35
mΩ
VGS= -2.5V,ID= -4A
-
36
45
VGS= -1.8V,ID= -2A
-
49
60
Ciss
Input Capacitance
VGS = 0V ,VDS = -10V, f=1MHz
-
1000
-
pF
Coss
Output Capacitance
-
120
-
Crss
Reverse Transfer Capacitance
-
100
-
Qg
Total Gate Charge
VGS= -4.5V ,VDS= -10V,
ID= -4A
-
12
-
nC
Qgs
Gate-Source Charge
-
1.3
-
Qgd
Gate-Drain Charge
-
4.5
-
td(on)
Turn-on Delay Time
VDS= -10V, VGS= -4.5V
ID= -4A , RG= 3Ω
-
12
-
ns
tr
Rise Time
-
10
-
td(off)
Turn-off Delay Time
-
19
-
tf
Fall Time
-
25
-
VDS
Body Diode voltage3
IS= -1A,VGS=0V
-
-
-1
V
IS
Continuous Source Current
-
-
-4
A
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width △ 300us , duty cycle △ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com