Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2305AI Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP2305AI
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2305AI Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP2305AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP2305AI Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP2305AI
-20V P-Channel Enhancement Mode MOSFET
AP2305AI RVE1.1
永源微電子科技有限公司
Package Mechanical Data-SOT23L-Single
Symbol
Dimensions in Millimeters
MIN.
MAX.
A
0.900
1.150
A1
0.000
0.100
A2
0.900
1.050
b
0.300
0.500
c
0.080
0.150
D
2.800
3.000
E
1.200
1.400
E1
2.250
2.550
e
0.950TYP
e1
1.800
2.000
L
0.550REF
L1
0.300
0.500
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com