Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSU2032C40 Datasheet(PDF) 13 Page - Mosel Vitelic, Corp

Part # MSU2032C40
Description  low working voltage 16 MHz ROM less MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2032C40 Datasheet(HTML) 13 Page - Mosel Vitelic, Corp

Back Button MSU2032C40 Datasheet HTML 9Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 10Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 11Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 12Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 13Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 14Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 15Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 16Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 17Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
T AVLL
T LLAX
T AVYL
T YHLH
T LLYL
T WLWH
P2.0-P2.7 or A8-A15 from DPH
A0-A7
from Ri or
DPL
DATA OUT
A0-A7
From
PCL
INSTR.
IN
A8-A15 from PCH
PORT 2
PORT 0
#WR
ALE
#PSEN
Tm.III External Data Memory Write Cycle
T QVWX
T WHQX
T LHLL
X'tal
C1
C2
R
3 MHz
15 pF
15 pF
open
12 MHz
30 pF
30 pF
open
16 MHz
30 pF
30 pF
open
X1
X2
MSU2052
MSU2032
X'tal
R
Application Reference
C1
C2
T QVWH
6 MHz
15 pF
15 pF
open
X'tal
C1
C2
R
12 MHz
30 pF
30 pF
open
25 MHz
15 pF
15 pF
62 Kohm
40 MHz
5 pF
5 pF
4.7 Kohm
16 MHz
30 pF
30 pF
open
Valid for U2052L16/ U2032L16
Valid for U2052C16/ U2032C16/
U2052C25/ U2032C25/
U2052C40/ U2032C40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com