Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSU2032C40 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MSU2032C40
Description  low working voltage 16 MHz ROM less MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2032C40 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MSU2032C40 Datasheet HTML 1Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 2Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 3Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU2032C40 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
T2EX/P1.0
T2/P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RES
RXD/P3.0
TXD/P3.1
#INT0/P3.2
#INT1/P3.3
T0/P3.4
T1/P3.5
#WR/P3.6
#RD/P3.7
XTAL2
XTAL1
VSS
VDD
AD0/P0.0
AD1/P0.1
AD2/P0.2
AD3/P0.3
AD4/P0.4
AD5/P0.5
AD6/P0.6
AD7/P0.7
#EA
ALE
#PSEN
A15/P2.7
A14/P2.6
A13/P2.5
A12/P2.4
A11/P2.3
A10/P2.2
A9/P2.1
A8/P2.0
MSU2032ihhQ,
MSU2052ihh-
yyyQ
44L PQFP
(Top View)
AD4/P 0.4
AD5/P 0.5
AD6/P 0.6
AD7/P 0.7
#EA
NC
ALE
#PSEN
A15/P 2.7
A14/P 2.6
A13/P 2.5
P 1.5
P 1.6
P 1.7
RES
RXD/P 3.0
NC
TXD/P 3.1
#INT0/P 3.2
#INT1/P 3.3
T0/P 3.4
T1/P 3.5
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
12 13
14 15 16 17 18 19 20 21 22
44 43 42 41 40
41 40 39
38 37 34
MSU2032ihhU,
MSU2052ihh-
yyyU
44L LQFP
(Top View)
AD4/P 0.4
AD5/P 0.5
AD6/P 0.6
AD7/P 0.7
#EA
NC
ALE
#PSEN
A15/P 2.7
A14/P 2.6
A13/P 2.5
P 1.5
P 1.6
P 1.7
RES
RXD/P 3.0
NC
TXD/P 3.1
#INT0/P 3.2
#INT1/P 3.3
T0/P 3.4
T1/P 3.5
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
12 13
14 15 16 17 18 19 20 21 22
44 43 42 41 40
41 40 39
38 37 34
MSU2032ihhJ,
MSU2052ihh-
yyyJ
44L PLCC
(Top View)
AD4/P 0.4
AD5/P 0.5
AD6/P 0.6
AD7/P 0.7
#EA
NC
ALE
#PSEN
A15/P 2.7
A14/P 2.6
A13/P 2.5
P 1.5
P 1.6
P 1.7
RES
RXD/P 3.0
NC
TXD/P 3.1
#INT0/P 3.2
#INT1/P 3.3
T0/P 3.4
T1/P 3.5
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
18 19
20 21 22 23 24 25 26 27 28
6
5
4
3
2
1
44 43 42 41 40
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com