Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP9435C Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP9435C
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP9435C Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP9435C Datasheet HTML 1Page - A POWER MICROELECTRONICS AP9435C Datasheet HTML 2Page - A POWER MICROELECTRONICS AP9435C Datasheet HTML 3Page - A POWER MICROELECTRONICS AP9435C Datasheet HTML 4Page - A POWER MICROELECTRONICS AP9435C Datasheet HTML 5Page - A POWER MICROELECTRONICS AP9435C Datasheet HTML 6Page - A POWER MICROELECTRONICS AP9435C Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP9435C
-30V P-Channel Enhancement Mode MOSFET
AP9435C REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= -250μA
-30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= -30V, VGS= 0V
-
-
-1
μA
IGSS
Gate-Source Leakage
VDS= 0V, VGS= ±20V
-
-
±100
nA
VGS(th)
Gate-Source Threshold voltage
VDS= VGS, ID= -250μA
-1.2
-1.5
-2.5
V
RDS(on)
Drain-Source on-State Resistance3
VGS= -10V, ID= -4A
-
40
50
mΩ
VGS= -4.5V, ID= -3A
-
52
75
Ciss
Input Capacitance
VGS = 0V , VDS = -15V,
f = 1.0MHz
-
520
-
pF
Coss
Output Capacitance
-
70
-
Crss
Reverse Transfer Capacitance
-
60
-
Qg
Total Gate Charge
VGS = -10V, VDS = -15V,
ID = -4.1A
-
12
-
nC
Qgs
Gate−Source Charge
-
3
-
Qgd
Gate−Drain Charge
-
2
-
td(on)
Turn-on Delay Time
VGS= -10V, VDS= -15V ,
RL= 15Ω,RGEN= 2.5Ω
-
5
-
ns
tr
Rise Time
-
28
-
td(off)
Turn-off Delay time
-
30
-
tf
Fall Time
-
35
-
VSD
Diode Forward Voltage3
IS = -4.1A, VGS = 0V
-
-
-1.2
V
IS
Continuous Source Current
-
-
-4.1
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com