Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPA60R080P7 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPA60R080P7
Description  600V CoolMOSª P7 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R080P7 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPA60R080P7 Datasheet HTML 5Page - Infineon Technologies AG IPA60R080P7 Datasheet HTML 6Page - Infineon Technologies AG IPA60R080P7 Datasheet HTML 7Page - Infineon Technologies AG IPA60R080P7 Datasheet HTML 8Page - Infineon Technologies AG IPA60R080P7 Datasheet HTML 9Page - Infineon Technologies AG IPA60R080P7 Datasheet HTML 10Page - Infineon Technologies AG IPA60R080P7 Datasheet HTML 11Page - Infineon Technologies AG IPA60R080P7 Datasheet HTML 12Page - Infineon Technologies AG IPA60R080P7 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
600VCoolMOSªP7PowerTransistor
IPA60R080P7
Rev.2.1,2018-05-15
Final Data Sheet
Diagram9:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
12
0
20
40
60
80
100
120
140
150 °C
25 °C
ID=f(VGS);VDS=20V;parameter:Tj
Diagram10:Typ.gatecharge
Qgate[nC]
0
10
20
30
40
50
60
0
2
4
6
8
10
12
120 V
400 V
VGS=f(Qgate);ID=11.8Apulsed;parameter:VDD
Diagram11:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10-1
100
101
102
103
125 °C
25 °C
IF=f(VSD);parameter:Tj
Diagram12:Avalancheenergy
Tj[°C]
25
50
75
100
125
150
0
25
50
75
100
125
EAS=f(Tj);ID=5.5A;VDD=50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com