Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28F101-100P6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M28F101-100P6
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101-100P6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M28F101-100P6 Datasheet HTML 13Page - STMicroelectronics M28F101-100P6 Datasheet HTML 14Page - STMicroelectronics M28F101-100P6 Datasheet HTML 15Page - STMicroelectronics M28F101-100P6 Datasheet HTML 16Page - STMicroelectronics M28F101-100P6 Datasheet HTML 17Page - STMicroelectronics M28F101-100P6 Datasheet HTML 18Page - STMicroelectronics M28F101-100P6 Datasheet HTML 19Page - STMicroelectronics M28F101-100P6 Datasheet HTML 20Page - STMicroelectronics M28F101-100P6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
PRESTO F ERASE ALGORITHM
The PRESTO F Erase Algorithm guarantees that
the device will be erased in a reliable way. The
algorithm first programms all bytes to 00h in order
to ensure uniform erasure. The programming fol-
lows the PRESTO F Programming Algorithm.
Erase is set-up by writing 20h to the command
register, the erasure is started by repeating this
write cycle. Erase Verify is set-up by writing A0h to
the command register together with the address of
the byte to be verified. The subsequent read cycle
reads the data which is compared to FFh. Erase
Verify begins at address 0000h and continues to
the last address or until the comparison of the data
to 0FFh fails. If this occurs, the address of the last
byte checked is stored and a new Erase operation
performed. Erase Verify then continues from the
address of the stored location.
PRESTO F PROGRAM ALGORITHM
The PRESTO F Programming Algorithm applies a
series of 10
µs programming pulses to a byte until
a correct verify occurs. Up to 25 programming
operations are allowed for one byte. Program is
set-up by writing 40h to the command register, the
programming is started after the next write cycle
which also latches the address and data to be
programmed. Program Verify is set-up by writing
C0h to the command register, followed by a read
cycle and a compare of the data read to the data
expected. During Program and Program Verify op-
erations a MARGIN MODE circuit is activated to
guarantee that the cell is programmed with a safety
margin.
PROGRAM ALL
BYTES TO 00h
AI00678
n=0, Addr=00000h
Last
Addr
ERASE SET-UP
Wait 10ms
ERASE VERIFY
Latch Addr.
READ DATA OUTPUT
Data
OK
Wait 6
µs
++n
Addr++
READ COMMAND
VPP = 12V
VPP < 6.5V
FAIL
VPP < 6.5V, PASS
YES
NO
YES
NO
YES
NO
LIMIT
Figure 12. Erasing Flowchart
AI00677
n= 0
Last
Addr
PROGRAM VERIFY
Wait 10
µs
PROGRAM SET-UP
Latch Addr, Data
READ DATA OUTPUT
Data
OK
Wait 6
µs
++n
=25
Addr++
READ COMMAND
VPP = 12V
VPP < 6.5V
FAIL
VPP < 6.5V, PASS
YES
NO
YES
NO
YES
NO
Figure 13. Programming Flowchart
Limit: 1000 at grade 1; 6000 at grades 3 & 6.
17/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com