Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28F101-100P6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28F101-100P6
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101-100P6 Datasheet(HTML) 3 Page - STMicroelectronics

  M28F101-100P6 Datasheet HTML 1Page - STMicroelectronics M28F101-100P6 Datasheet HTML 2Page - STMicroelectronics M28F101-100P6 Datasheet HTML 3Page - STMicroelectronics M28F101-100P6 Datasheet HTML 4Page - STMicroelectronics M28F101-100P6 Datasheet HTML 5Page - STMicroelectronics M28F101-100P6 Datasheet HTML 6Page - STMicroelectronics M28F101-100P6 Datasheet HTML 7Page - STMicroelectronics M28F101-100P6 Datasheet HTML 8Page - STMicroelectronics M28F101-100P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
Input or Output Voltages
–0.6 to 7
V
VCC
Supply Voltage
–0.6 to 7
V
VA9
A9 Voltage
–0.6 to 13.5
V
VPP
Program Supply Voltage, during Erase
or Programming
–0.6 to 14
V
Note: Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above
those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents.
Table 2. Absolute Maximum Ratings
DEVICE OPERATION
The M28F101 FLASH Memory employs a technol-
ogy similar to a 1 Megabit EPROM but adds to the
device functionality by providing electrical erasure
and programming. These functions are managed
by a command register. The functions that are
addressed via the command register depend on
the voltage applied to the VPP, program voltage,
input. When VPP is less than or equal to 6.5V, the
command register is disabled and M28F101 func-
tions as a read only memory providing operating
modes similar to an EPROM (Read, Output Dis-
able, Electronic Signature Read and Standby).
When VPP is raised to 12V the command regsiter
is enabled and this provides, in addition, Erase and
Program operations.
READ ONLY MODES, VPP
≤ 6.5V
For all Read Only Modes, except Standby Mode,
the Write Enable input W should be High. In the
Standby Mode this input is don’t care.
Read Mode. The M28F101 has two enable inputs,
E and G, both of which must be Low in order to
output data from the memory. The Chip Enable (E)
is the power control and should be used for device
selection. Output Enable (G) is the output control
and should be used to gate data on to the output,
independant of the device selection.
Standby Mode. In the Standby Mode the maxi-
mum supply current is reduced. The device is
placed in the Standby Mode by applying a High to
the Chip Enable (E) input. When in the Standby
Mode the outputs are in a high impedance state,
independant of the Output Enable (G) input.
Output Disable Mode. When the Output Enable
(G) is High the outputs are in a high impedance
state.
Electronic Signature Mode. This mode allows the
read out of two binary codes from the device which
identify the manufacturer and device type. This
mode is intended for use by programming equip-
ment to automatically select the correct erase and
programming algorithms. The Electronic Signature
Mode is active when a high voltage (11.5V to 13V)
is applied to address line A9 with E and G Low. With
A0 Low the output data is the manufacturer code,
when A0 is High the output is the device type code.
All other address lines should be maintained Low
while reading the codes. The electronic signature
may also be accessed in Read/Write modes.
READ/WRITE MODES, 11.4V
≤ VPP ≤ 12.6V
When VPP is High both read and write operations
may be performed. These are defined by the con-
tents of an internal command register. Commands
may be written to this register to set-up and exe-
cute, Erase, Erase Verify, Program, Program Verify
and Reset modes. Each of these modes needs 2
cycles. Eah mode starts with a write operation to
set-up the command, this is followed by either read
or write operations. The device expects the first
cycle to be a write operation and does not corrupt
data at any location in the memory. Read mode is
set-up with one cycle only and may be followed by
any number of read operations to output data.
Electronic Signature Read mode is set-up with one
cycle and followed by a read cycle to output the
manufacturer or device codes.
3/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com