Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M39208 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M39208
Description  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M39208 Datasheet HTML 18Page - STMicroelectronics M39208 Datasheet HTML 19Page - STMicroelectronics M39208 Datasheet HTML 20Page - STMicroelectronics M39208 Datasheet HTML 21Page - STMicroelectronics M39208 Datasheet HTML 22Page - STMicroelectronics M39208 Datasheet HTML 23Page - STMicroelectronics M39208 Datasheet HTML 24Page - STMicroelectronics M39208 Datasheet HTML 25Page - STMicroelectronics M39208 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Symbol
Alt
Parameter
M39208
Unit
-100
-120
-150
Min
Max
Min
Max
Min
Max
tWLWL
tBLC
Time-out after the Last Byte
Write
150
150
150
µs
tWC
Write Cycle Time (EEPROM)
10
10
10
ms
tAVAV
Address Valid to Next Address
Valid
100
120
150
ns
tWLEL
tWS
Write Enable Low to Memory
Block Enable Low
00
0
ns
tELEH
tCP
Memory Block Enable Low to
Memory Block Enable High
50
50
65
ns
tDVEH
tDS
Input Valid to Memory Block
Enable High
50
50
65
ns
tEHDX
tDH
Memory Block Enable High to
Input Transition
00
0
ns
tEHWH
tWH
Memory Block Enable High to
Write Enable High
00
0
ns
tEHEL
tCPH
Memory Block Enable High to
Memory Block Enable Low
30
30
35
ns
tAVEL
tAS
Address Valid to Memory Block
Enable Low
00
0
ns
tELAX
tAH
Memory Block Enable Low to
Address Transition
50
50
65
ns
tGHEL
Output Enable High to Memory
Block Enable Low
00
0
ns
tVCHWL
tVCS
VCC High to Write Enable Low
50
50
50
µs
tEHQV1
(1)
Memory Block Enable High to
Output Valid (Program)
88
8
µs
tEHQV2
(1)
Memory Block Enable High to
Output Valid (Sector Erase)
0.5
30
0.5
30
0.5
30
sec
tEHGL
tOEH
Memory Block Enable High to
Output Enable Low
00
0
ns
Notes: 1. Time is measured to Data Polling or Toggle Bit, tWHQV = tWHQ7V + tQ7VQV.
Table 15. Write AC Characteristics, EE or EF Controlled
(TA = 0 to 70
°C or –20 to 85°C or –40 to 85°C; VCC = 2.7 V to 3.6V)
22/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com