Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M39208 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M39208
Description  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M39208 Datasheet HTML 20Page - STMicroelectronics M39208 Datasheet HTML 21Page - STMicroelectronics M39208 Datasheet HTML 22Page - STMicroelectronics M39208 Datasheet HTML 23Page - STMicroelectronics M39208 Datasheet HTML 24Page - STMicroelectronics M39208 Datasheet HTML 25Page - STMicroelectronics M39208 Datasheet HTML 26Page - STMicroelectronics M39208 Datasheet HTML 27Page - STMicroelectronics M39208 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Symbol
Test
Conditions
Parameter
M39208
Unit
-100
-120
-150
Min
Max
Min
Max
Min
Max
tWHQ7V1
EF = 0
EE = 1
Write Enable High to DQ7 Valid
(Program, W Controlled)
10
10
10
µs
tWHQ7V2
EF = 0
EE = 1
Write Enable High to DQ7 Valid
(Sector Erase, W Controlled)
1.5
30
1.5
30
1.5
30
sec
tEHQ7V1
EF = 0
EE = 1
Flash Block Enable High to
DQ7 Valid (Program, EF
Controlled)
10
10
10
µs
tEHQ7V2
EF = 0
EE = 1
Flash Block Enable High to
DQ7 Valid (Sector Erase, EF
Controlled)
1.5
30
1.5
30
1.5
30
sec
tQ7VQV
EF = 0
EE = 1
Q7 Valid to Output Valid (Data
Polling)
40
50
55
ns
Notes: 1. All other timings are defined in Read AC Characteristics table.
Table 16. Data Polling and Toggle Bit AC Characteristics (1)
(TA = 0 to 70
°C or –20 to 85°C or –40 to 85°C; VCC = 2.7 V to 3.6V)
Parameter
M39208
Unit
Min
Typ
Max
Chip Program (Byte)
8
sec
Chip Erase (Preprogrammed)
3
30
sec
Chip Erase
10
sec
Sector Erase (Preprogrammed)
1
30
sec
Sector Erase
2
sec
Byte Program
10
µs
Program/Erase Cycles (per Sector)
100,000
cycles
Table 17. Program, Erase Times and Program, Erase Endurance Cycles (Flash Block)
(TA = 0 to 70
°C or –20 to 85°C or –40 to 85°C; VCC = 2.7 V to 3.6V)
24/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com