Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8P34S2108NLGI8 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 8P34S2108NLGI8
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI8 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI8 Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 9Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 10Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 11Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 12Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
©2016-2023 Renesas Electronics Corporation
November 20, 2023
8P34S2108 Datasheet
Wiring the Differential Input to Accept Single-ended Levels
Figure 3 shows an example of how a differential input can be wired to accept single-ended levels. To satisfy the VCMR requirement, the
reference voltage V1 is set to 1.2V which is generated by the bias resistors R1 and R2. The bypass capacitor (C1) is used to help filter
noise on the DC bias. This bias circuit should be located as close to the input pin as possible. The ratio of R1 and R2 might need to be
adjusted to position the V1 to meet the VCRM requirement. For example, if the input clock swing is 1.8V and VDD = 1.8V, R1 and R2
value should be adjusted to set V1 at 1.2V in this example. The values below are for when both the single-ended swing and VDD are at
the same voltage. This configuration requires that the sum of the output impedance of the driver (Ro) and the series resistance (Rs)
equals the transmission line impedance. In addition, matched termination at the input will attenuate the signal in half. This can be done in
one of two ways. First, R3 and R4 in parallel should equal the transmission line impedance and the signal DC offset after AC coupling
should be equal to V1, i.e. 1.2V in this example. For most Zo = 50Ω applications, R3 = 75Ω and R4 can be 130Ω. By keeping the same
R3/R4 ratio, the values of the resistors can be increased to reduce the loading for slower and weaker LVCMOS driver. When using
single-ended signaling, the noise rejection benefits of differential signaling are reduced. Even though the input can handle larger
amplitude signaling, it is recommended that the amplitude be reduced. For single-ended applications, the swing can be larger. Make sure
the single-ended logic high and logic low signal operates within specification limit. Though some of the recommended components might
not be used, the pads should be placed in the layout. They can be utilized for debugging purposes. The datasheet specifications are
characterized and guaranteed by using a differential signal.
Figure 3. Example Schematic for Wiring a Differential Input to Accept Single-ended Levels
 
R4
150
VDD
V1
LVCMOS Driv er
R1
1.5k
C2
0.1uF
Ro
C1
0.1uF
R2
2.6k
Zo = 50
Receiv er
+
-
R5
Ro+Rs=Zo
VDD
R3
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com