Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8P34S2108NLGI8 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 8P34S2108NLGI8
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI8 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI8 Datasheet HTML 12Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 16Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 17Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 18Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 19Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
©2016-2023 Renesas Electronics Corporation
November 20, 2023
8P34S2108 Datasheet
The ePad provides a low thermal resistance path for heat transfer to the PCB and represents the key pathway to transfer heat away from
the IC to the PCB. It’s critical that the connection of the exposed pad to the PCB is properly constructed to maintain the desired IC case
temperature (TCB). A good connection ensures that temperature at the exposed pad (TCB) and the board temperature (TB) are relatively
the same. An improper connection can lead to increased junction temperature, increased power consumption and decreased electrical
performance. In addition, there could be long-term reliability issues and increased failure rate.
Example Calculation for Junction Temperature (TJ): TJ = TCB + JB x PD
For the variables above, the junction temperature is equal to 106.1°C. Since this is below the maximum junction temperature of 125°C,
there are no long term reliability concerns. In addition, since the junction temperature at which the device was characterized using forced
convection is 122°C, this device can function without the degradation of the specified AC or DC parameters.
Fail-Safe Operation
All clock inputs support fail-safe operation. That is, when the device is powered down, the clock inputs can be held at a DC voltage of up
to 4.6V without damaging the device or the input pins.
Power Considerations
This section provides information on power dissipation and junction temperature for the 8P34S2108.
Equations and example calculations are also provided.
1. Power Dissipation
The following is the power dissipation for VDD = 2.7V, which gives worst case results.
Maximum current at 85°C: VDD_MAX = 525mA.
▪ Power_MAX = VDD_MAX * IDD_MAX = 2.7V * 525mA = 1417.5mW
Package type
48 VFQFPN
Body size (mm)
7 x 7 x 0.8
ePad size (mm)
5.65 x 5.65
Thermal Via
5 x 5 Matrix
JB
1.2oC/W
TCB
105
°C
PD
0.9W
TJ
TCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com