Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8P34S2108NLGI/W Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 8P34S2108NLGI/W
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI/W Datasheet(HTML) 3 Page - Renesas Technology Corp

  8P34S2108NLGI/W Datasheet HTML 1Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 2Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 3Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 4Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 5Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 6Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
©2016-2023 Renesas Electronics Corporation
November 20, 2023
8P34S2108 Datasheet
16
QA1
Output
Differential output pair A1. LVDS interface levels.
17
nQA1
Output
Differential output pair A1. LVDS interface levels.
18
QA2
Output
Differential output pair A2. LVDS interface levels.
19
nQA2
Output
Differential output pair A2. LVDS interface levels.
20
QA3
Output
Differential output pair A3. LVDS interface levels.
21
nQA3
Output
Differential output pair A3. LVDS interface levels.
22
QA4
Output
Differential output pair A4. LVDS interface levels.
23
nQA4
Output
Differential output pair A4. LVDS interface levels.
24
VDDQA
Power
Power supply pin for the channel A outputs QA[0:7].
25
QA5
Output
Differential output pair A5. LVDS interface levels.
26
nQA5
Output
Differential output pair A5. LVDS interface levels.
27
QA6
Output
Differential output pair A6. LVDS interface levels.
28
nQA6
Output
Differential output pair A6. LVDS interface levels.
29
QA7
Output
Differential output pair A7. LVDS interface levels.
30
nQA7
Output
Differential output pair A7. LVDS interface levels.
31
QB0
Output
Differential output pair B0. LVDS interface levels.
32
nQB0
Output
Differential output pair B0. LVDS interface levels.
33
QB1
Output
Differential output pair B1. LVDS interface levels.
34
nQB1
Output
Differential output pair B1. LVDS interface levels.
35
QB2
Output
Differential output pair B2. LVDS interface levels.
36
nQB2
Output
Differential output pair B2. LVDS interface levels.
37
VDDQB
Power
Power supply pin for the channel B outputs QB[0:7].
38
QB3
Output
Differential output pair B3. LVDS interface levels.
39
nQB3
Output
Differential output pair B3. LVDS interface levels.
40
QB4
Output
Differential output pair B4. LVDS interface levels.
41
nQB4
Output
Differential output pair B4. LVDS interface levels.
42
QB5
Output
Differential output pair B5. LVDS interface levels.
43
nQB5
Output
Differential output pair B5. LVDS interface levels.
44
QB6
Output
Differential output pair B6. LVDS interface levels.
45
nQB6
Output
Differential output pair B6. LVDS interface levels.
46
QB7
Output
Differential output pair B7. LVDS interface levels.
47
nQB7
Output
Differential output pair B7. LVDS interface levels.
48
VDDQB
Power
Power supply pin for the channel B outputs QB[0:7].
ePad
GND_EPAD
Power
Exposed pad of package. Connect to ground.
[a] Pull-up (PU) and pull-down (PD) resistors are indicated in parentheses. Pull-up and pull-down refers to internal input resistors.
See
Table 5, DC Input Characteristics, for typical values.
Table 1. Pin Descriptions[a]
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com