Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8P34S2108NLGI/W Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 8P34S2108NLGI/W
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI/W Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI/W Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 16Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 17Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 18Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 19Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 20Page - Renesas Technology Corp 8P34S2108NLGI/W Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
(PCB Top View, NSMD Design)
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for references only.
7.00 ±0.15
7.00 ±0.15
Pin 1 ID
Seating Plane
0.08 C
0.85
C
(0.20)
0.05 Max
(0.275)
0.50
0.20
0.40
5.65 ±0.15
5.65 ±0.15
0.24 ±0.06
1
48
12
13
24
25
36
37
0.125
7.30
6.20
7.30
5.65
0.20
Package Outline
0.25
0.50
5.65
© Renesas Electronics Corporation
Package Outline Drawing
PSC-4203-01
NLG48P1
48-VFQFPN 7.0 x 7.0 x 0.85 mm Body, 0.5mm Pitch
Rev.04, Date Created: Mar 21, 2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com