Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DMV0141BKILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9DMV0141BKILF
Description  2:1 1.8V PCIe Gen1–5 Clock Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMV0141BKILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9DMV0141BKILF Datasheet HTML 2Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 3Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 4Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 5Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 6Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 7Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 8Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 9Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
©2025 Renesas Electronics Corporation
R31DS0040EU0300 December 15,
9DMV0131B/9DMV0141B Datasheet
Electrical Characteristics
TA = TAMB, supply voltages per normal operating conditions. See Test Loads for loading conditions.
1 Guaranteed by design and characterization, not 100% tested in production.
2 Control input must be monotonic from 20% to 80% of input swing.
3 Time from deassertion until outputs are > 200mV.
4 DIF_IN input.
Table 6. Electrical Characteristics–Input/Supply/Common Parameters – Normal Operating Condition
Symbol
Parameter
Conditions
Minimum Typical Maximum Units Notes
VDDxx Supply Voltage
Applies to all VDD pins.
1.7
1.8
1.9
V
TAMB
Ambient Operating Temperature Industrial range.
-40
25
85
°C
1
VIH
Input High Voltage
Single-ended inputs, except SMBus.
0.75 VDD
VDD + 0.3
V
VIL
Input Low Voltage
Single-ended inputs, except SMBus.
-0.3
0.25 VDD
V
IIN
Input Current
Single-ended inputs, VIN = GND, VIN = VDD.
-5
5
μA
IINP
Single-ended inputs.
VIN = 0 V; Inputs with internal pull-up resistors.
VIN = VDD; Inputs with internal pull-down
resistors.
-100
100
μA
Fibyp
Input Frequency
1
200
MHz
2
Lpin
Pin Inductance
7
nH
1
CIN
Capacitance
Logic Inputs, except DIF_IN.
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs.
1.5
2.7
pF
1,4
COUT
Output pin capacitance.
6
pF
1
TSTAB Clk Stabilization
From VDD power-up and after input clock
stabilization or de-assertion of PD# to 1st
clock.
1
ms
1,2
fMODINPCIe Input SS Modulation Frequency
PCIe
Allowable frequency for PCIe applications
(triangular modulation).
30
33
kHz
fMODIN Input SS Modulation Frequency
non-PCIe
Allowable frequency for non-PCIe applications
(triangular modulation).
0
66
kHz
tLATOE# OE# Latency
DIF start after OE# assertion.
DIF stop after OE# deassertion.
1
2
3
clocks 1,3
tF
Tfall
Fall time of single-ended control inputs.
5
ns
1,2
tR
Trise
Rise time of single-ended control inputs.
5
ns
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com