Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DMV0141BKILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DMV0141BKILF
Description  2:1 1.8V PCIe Gen1–5 Clock Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMV0141BKILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DMV0141BKILF Datasheet HTML 1Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 2Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 3Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 4Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 5Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 6Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 7Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 8Page - Renesas Technology Corp 9DMV0141BKILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
©2025 Renesas Electronics Corporation
R31DS0040EU0300 December 15,
Description
The 9DMV0131B/9DMV0141B are 1.8V members of IDT’s
full-featured PCIe clock family. The 9DMV0131B uses external
series resistors for maximum flexibility, while the 9DMV0141B
integrates output terminations for direct connection to 100Ω
transmission lines. An OE# pin provides optimal system control
and power management. The parts provide asynchronous or
glitch-free switching modes.
PCIe Clocking Architectures
▪ Common Clocked (CC)
▪ Independent Reference (IR) with and without spread spectrum
Typical Applications
▪ Servers
▪ nVME drives
▪ Embedded systems/Industrial control
▪ High-performance computing
▪ Accelerators
Key Specifications
▪ Additive cycle-to-cycle jitter < 5ps
▪ Additive PCIe Gen5 phase jitter < 38fs RMS
▪ 156.25MHz additive phase jitter 130fs RMS typical (12kHz to
20MHz)
Features
▪ Direct connection to 100Ω loads saves 4 resistors
(9DMV0141B)
▪ External series resistors allow use in 85Ω or 100Ω systems
(9DMV0131B)
▪ 1.8V operation; 12mW typical power consumption
▪ Selectable asynchronous or glitch-free switching; allows the
mux to be selected at power up even if both inputs are not
running, then transition to glitch-free switching mode
▪ OE# pin for flexible power sequencing
▪ HCSL differential inputs
▪ Spread spectrum tolerant; allows reduction of EMI
▪ 1MHz to 200MHz operating frequency
▪ Configuration accomplished with strapping pins, no SMBus
needed
▪ Space-saving 3 × 3 mm 16-VFQFPN; minimal board space
Output Features
▪ 1 Low-Power HCSL (LP-HCSL) DIF pair
Block Diagram
A
B
EPAD/GND
GNDR x2
VDD1.8
VDDR1.8 x2
^OE0#
DIF_INA#
DIF_INA
DIF_INB#
DIF_INB
vSW_MODE
^SEL_A_B#
Resistors are internal on 9DMV0141
DIF0
DIF0#
9DMV0131B/9DMV0141B
Datasheet
2:1 1.8V PCIe Gen1–5
Clock Mux


Similar Part No. - 9DMV0141BKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DMV0141B RENESAS-9DMV0141B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
More results

Similar Description - 9DMV0141BKILF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
557GI-06LFT ETC-557GI-06LFT Datasheet
136Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
ICS557-06 RENESAS-ICS557-06 Datasheet
321Kb / 13P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com