Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN61D9UT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN61D9UT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D9UT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN61D9UT Datasheet HTML 1Page - Diodes Incorporated DMN61D9UT Datasheet HTML 2Page - Diodes Incorporated DMN61D9UT Datasheet HTML 3Page - Diodes Incorporated DMN61D9UT Datasheet HTML 4Page - Diodes Incorporated DMN61D9UT Datasheet HTML 5Page - Diodes Incorporated DMN61D9UT Datasheet HTML 6Page - Diodes Incorporated DMN61D9UT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN61D9UT
Document number: DS38185 Rev. 3 - 2
1 of 7
www.diodes.com
March 2020
© Diodes Incorporated
DMN61D9UT
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TA = +25°C
60V
2
Ω @ VGS = 5.0V
350mA
2.5
Ω @ VGS = 2.5V
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Motor Control
Power Management Functions
Features
Low On-Resistance: RDS(ON)
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
ESD Protected Up To 2kV
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please contact
us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SOT523
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Annealed over Alloy 42 Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.002 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN61D9UT-7
SOT523
3000/Tape & Reel
DMN61D9UT-13
SOT523
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2015
…
2020
2021
2022
2023
2024
2025
2026
2027
2028
2029
Code
C
…
H
I
J
K
L
M
N
O
P
R
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
ESD Protected up to 2kV
G
S
D
D
S
G
Gate Protection
Diode
SOT523
Top View
Top View
Pin Out Configuration
9D2 = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: H = 2020)
M = Month (ex: 9 = September)
Equivalent Circuit
9D2
YM
ESD Protected up to 2kV


Similar Part No. - DMN61D9UT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D9U DIODES-DMN61D9U Datasheet
464Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN61D9U-13 DIODES-DMN61D9U-13 Datasheet
464Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN61D9U-7 DIODES-DMN61D9U-7 Datasheet
464Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN61D9UDW DIODES-DMN61D9UDW Datasheet
538Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN61D9UDWQ DIODES-DMN61D9UDWQ Datasheet
728Kb / 8P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
June 2021 Rev. 2 - 2
More results

Similar Description - DMN61D9UT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com