Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN61D9UT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN61D9UT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D9UT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN61D9UT Datasheet HTML 1Page - Diodes Incorporated DMN61D9UT Datasheet HTML 2Page - Diodes Incorporated DMN61D9UT Datasheet HTML 3Page - Diodes Incorporated DMN61D9UT Datasheet HTML 4Page - Diodes Incorporated DMN61D9UT Datasheet HTML 5Page - Diodes Incorporated DMN61D9UT Datasheet HTML 6Page - Diodes Incorporated DMN61D9UT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN61D9UT
Document number: DS38185 Rev. 3 - 2
2 of 7
www.diodes.com
March 2020
© Diodes Incorporated
DMN61D9UT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 5.0V
Steady
State
TA = +25°C
TA = +70°C
ID
350
280
mA
Maximum Continuous Body Diode Forward Current (Note 6)
IS
350
mA
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
1.1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
260
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
491
°C/W
Total Power Dissipation (Note 6)
PD
370
mW
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
342
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
—
—
1.0
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.5
—
1.0
V
VDS = 10V, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
1.2
1.6
2.5
2.0
2.5
3.5
Ω
VGS = 5.0V, ID = 0.05A
VGS = 2.5V, ID = 0.05A
VGS = 1.8V, ID = 0.05A
Forward Transconductance
|Yfs|
200
—
—
mS
VDS = 10V, ID = 0.2A
Diode Forward Voltage
VSD
—
0.75
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
28.5
—
pF
VDS = 30V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
3.9
—
pF
Reverse Transfer Capacitance
Crss
—
2.5
—
pF
Gate Resistance
Rg
—
65
—
Ω
f = 1MHz, VGS = 0V, VDS = 0V
Total Gate Charge
Qg
—
0.4
—
nC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
Qgs
—
0.1
—
nC
Gate-Drain Charge
Qgd
—
0.1
—
nC
Turn-On Delay Time
tD(ON)
—
2.1
—
ns
VDD = 30V, VGS = 10V,
RG = 25Ω, ID = 200mA
Turn-On Rise Time
tR
—
1.8
—
ns
Turn-Off Delay Time
tD(OFF)
—
14.4
—
ns
Turn-Off Fall Time
tF
—
8.4
—
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6.
Device mounted on 1”
 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com