Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320C2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 67Page - Texas Instruments TMS320C2811 Datasheet HTML 68Page - Texas Instruments TMS320C2811 Datasheet HTML 69Page - Texas Instruments TMS320C2811 Datasheet HTML 70Page - Texas Instruments TMS320C2811 Datasheet HTML 71Page - Texas Instruments TMS320C2811 Datasheet HTML 72Page - Texas Instruments TMS320C2811 Datasheet HTML 73Page - Texas Instruments TMS320C2811 Datasheet HTML 74Page - Texas Instruments TMS320C2811 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 173 page
background image
Peripherals
71
April 2001 − Revised July 2007
SPRS174O
Mailbox RAM
(512 Bytes)
32-Message Mailbox
of 4
× 32-Bit Words
Memory Management
Unit
CPU Interface,
Receive Control Unit,
Timer Management Unit
eCAN Memory
(512 Bytes)
Registers and Message
Objects Control
32
32
Message Controller
32
32
32
32
32
32
eCAN Protocol Kernel
Receive Buffer
Transmit Buffer
Control Buffer
Status Buffer
Enhanced CAN Controller
32
Controls
Address
Data
eCAN1INT
eCAN0INT
32
SN65HVD23x
3.3-V CAN Transceiver
CAN Bus
Figure 4−7. eCAN Block Diagram and Interface Circuit
Table 4−5. 3.3-V eCAN Transceivers for the TMS320F281x and TMS320C281x DSPs
PART NUMBER
SUPPLY
VOLTAGE
LOW-POWER MODE
SLOPE
CONTROL
VREF
OTHER
TA
SN65HVD230
3.3 V
Standby
Adjustable
Yes
−−
−40
°C to 85°C
SN65HVD230Q
3.3 V
Standby
Adjustable
Yes
−−
−40
°C to 125°C
SN65HVD231
3.3 V
Sleep
Adjustable
Yes
−−
−40
°C to 85°C
SN65HVD231Q
3.3 V
Sleep
Adjustable
Yes
−−
−40
°C to 125°C
SN65HVD232
3.3 V
None
None
None
−−
−40
°C to 85°C
SN65HVD232Q
3.3 V
None
None
None
−−
−40
°C to 125°C
SN65HVD233
3.3 V
Standby
Adjustable
None
Diagnostic
Loopback
−40
°C to 125°C
SN65HVD234
3.3 V
Standby & Sleep
Adjustable
None
−−
−40
°C to 125°C
SN65HVD235
3.3 V
Standby
Adjustable
None
Autobaud
Loopback
−40
°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com