Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320C2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 17Page - Texas Instruments TMS320C2811 Datasheet HTML 18Page - Texas Instruments TMS320C2811 Datasheet HTML 19Page - Texas Instruments TMS320C2811 Datasheet HTML 20Page - Texas Instruments TMS320C2811 Datasheet HTML 21Page - Texas Instruments TMS320C2811 Datasheet HTML 22Page - Texas Instruments TMS320C2811 Datasheet HTML 23Page - Texas Instruments TMS320C2811 Datasheet HTML 24Page - Texas Instruments TMS320C2811 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 173 page
background image
Introduction
21
April 2001 − Revised July 2007
SPRS174O
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PINP
BK
176-PINP
GF
179-PING
HH
JTAG (CONTINUED)
EMU0
D11
137
100
I/O/Z
PU
Emulator pin 0. When TRST is driven high, this pin
is used as an interrupt to or from the emulator
system and is defined as input/output through the
JTAG scan. This pin is also used to put the device
into boundary-scan mode. With the EMU0 pin at a
logic-high state and the EMU1 pin at a logic-low
state, a rising edge on the TRST pin would latch
the device into boundary-scan mode.
NOTE: An external pullup resistor is
recommended on this pin. The value of this
resistor should be based on the drive strength of
the debugger pods applicable to the design. A
2.2-k
Ω to 4.7-kΩ resistor is generally adequate.
Since this is application-specific, it is
recommended that each target board be validated
for proper operation of the debugger and the
application.
EMU1
C9
146
105
I/O/Z
PU
Emulator pin 1. When TRST is driven high, this pin
is used as an interrupt to or from the emulator
system and is defined as input/output through the
JTAG scan. This pin is also used to put the device
into boundary-scan mode. With the EMU0 pin at a
logic-high state and the EMU1 pin at a logic-low
state, a rising edge on the TRST pin would latch
the device into boundary-scan mode.
NOTE: An external pullup resistor is
recommended on this pin. The value of this
resistor should be based on the drive strength of
the debugger pods applicable to the design. A
2.2-k
Ω to 4.7-kΩ resistor is generally adequate.
Since this is application-specific, it is
recommended that each target board be validated
for proper operation of the debugger and the
application.
ADC ANALOG INPUT SIGNALS
ADCINA7
B5
167
119
I
ADCINA6
D5
168
120
I
ADCINA5
E5
169
121
I
8-Channel analog inputs for Sample-and-Hold A.
ADCINA4
A4
170
122
I
8-Channel analog inputs for Sample-and-Hold A.
The ADC pins should not be driven before VDDA1,
ADCINA3
B4
171
123
I
The ADC pins should not be driven before VDDA1,
VDDA2, andVDDAIO pins have been fully powered up.
ADCINA2
C4
172
124
I
VDDA2, andVDDAIO pins have been fully powered up.
ADCINA1
D4
173
125
I
ADCINA0
A3
174
126
I
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3. The pullups/pulldowns are enabled
in boundary scan mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com