Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD70-01C/TR10 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # PD70-01C/TR10
Description  Silicon Planar PIN Photodiode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD70-01C/TR10 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button PD70-01C/TR10 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 8 of 10
Device No:DTD-700-179
Prepared date:08-26-2005
Prepared by:JAINE TSAI
PD70-01C/TR10
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
REFLOW
TEMP.:260℃±5℃
5secs
6Mins
22pcs
0/1
2
Temperature Cycle H : 100℃
15mins
5mins
L : -40℃
15mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
VR=5V
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IL≦L×0.8
L:Lower
Specification
Limit
0/1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com