Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD70-01C/TR10 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # PD70-01C/TR10
Description  Silicon Planar PIN Photodiode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD70-01C/TR10 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  PD70-01C/TR10 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PD70-01C/TR10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 2 of 10
Device No:DTD-700-179
Prepared date:08-26-2005
Prepared by:JAINE TSAI
PD70-01C/TR10
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.1mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Reverse Voltage
VR
32
V
Operating Temperature
Topr
-25 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +85
℃
Soldering Temperature
Tsol
260
℃
Power Dissipation at(or below)
25℃Free Air Temperature
Pc
150
mW
Notes: *1:Soldering time≦5 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com