Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS65P10D2-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CMS65P10D2-HF
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS65P10D2-HF Datasheet(HTML) 2 Page - Comchip Technology

  CMS65P10D2-HF Datasheet HTML 1Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 2Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 3Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 4Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 5Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 6Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MOSFET
Comchip Technology CO., LTD.
Page 2
2. Independent of operating temperature.
REV:A
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Typ
Drain-source breakdown voltage
BVDSS
Gate threshold voltage
VGS(th)
Drain-source leakage current
IDSS
Gate-source leakage current
IGSS
RDS(on)
Static drain-source on-resistance
Forward transconductance
gfs
Turn-on delay time
(Note 1, 2)
Turn-off delay time
(Note 1, 2)
Rise time
(Note 1, 2)
Fall time
(Note 1, 2)
td(on)
tr
td(off)
tf
Total gate charge
(Note 1, 2)
Gate-drain charge
(Note 1, 2)
Gate-source charge
(Note 1, 2)
Qg
Qgs
Qgd
Diode forward voltage (Note 1)
VSD
Unit
V
nA
µA
mΩ
S
nS
nC
V
nS
V
nC
trr
Reverse transfer capacitance
Input capacitance
Coss
Crss
Output capacitance
Ciss
pF
Dynamic
Qrr
Static
Rg
Source-drain diode
Reverse recovery time
Reverse recovery charge
Gate resistance
VGS = 0V, ID = -250µA
VDS = VGS, ID = -250µA
VDS = -10V, ID = -15A
VGS = ±20V, VDS = 0V
VDS = -80V, VGS = 0V
VGS = -10V, ID = -15A
Ω
VDS = -30V, VGS = 0V, f = 1MHz
f = 1MHz
VDS = -50V, ID = -15A, VGS = -10V
VDS = -50V, ID = -15A, VGS = -10V
RGS = 1Ω
IS = -15A, VGS = 0V
IF = -15A, dIF/dt = 100A/µs
VR =30V
-100
-1
-2.5
50
±100
-1
15
12
10103
593
161
2.9
90
176
60
35
36
169
51
-0.75
58
70
-1.2
Notes: 1. Pulse width ≤ 300µs, duty cycle ≤ 2%.
mΩ
RDS(on)
VGS = -4.5V, ID = -10A
18
14
Total gate charge
(Note 1, 2)
Qg
20
VDS = -50V, ID = -15A, VGS = -4.5V
QW-JTR234
Thermal Data
Unit
Parameter
Steady state
°C/W
°C/W
Thermal resistance, junction to case
Thermal resistance, junction to ambient (Note 2)
1
16
Symbol
RθJC
RθJA
Notes: 1. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for case where additional heatsinking is used.
2. The value of RθJA is measured with the device mounted on 1 in² FR-4 board with 2oz. copper, in a still air environment with TA=25°C.
The power dissipation PD is based on RθJA and the maximum allowed junction temp erature of 150°C.
The value in any given application depends on the user’s specific board design.
3. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C.
Rating are based on low frequency and low duty cycles to keep initial TJ=25°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com